Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCD1709D Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TCD1709D
Description  TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD1709D Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TCD1709D Datasheet HTML 5Page - Toshiba Semiconductor TCD1709D Datasheet HTML 6Page - Toshiba Semiconductor TCD1709D Datasheet HTML 7Page - Toshiba Semiconductor TCD1709D Datasheet HTML 8Page - Toshiba Semiconductor TCD1709D Datasheet HTML 9Page - Toshiba Semiconductor TCD1709D Datasheet HTML 10Page - Toshiba Semiconductor TCD1709D Datasheet HTML 11Page - Toshiba Semiconductor TCD1709D Datasheet HTML 12Page - Toshiba Semiconductor TCD1709D Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TCD1709D
2002-11-14
11
Caution
1.
Electrostatic Breakdown
Store in shorting clip or in conductive foam to avoid electrostatic breakdown.
CCD Image Sensor is protected against static electricity, but interior puncture mode device due to static
electricity is sometimes detected. In handing the device, it is necessary to execute the following static
electricity preventive measures, in order to prevent the trouble rate increase of the manufacturing system
due to static electricity.
a. Prevent the generation of static electricity due to friction by making the work with bare hands or by
putting on cotton gloves and non-charging working clothes.
b. Discharge the static electricity by providing earth plate or earth wire on the floor, door or stand of the
work room.
c.
Ground the tools such as soldering iron, radio cutting pliers of or pincer.
It is not necessarily required to execute all precaution items for static electricity.
It is all right to mitigate the precautions by confirming that the trouble rate within the prescribed
range.
2.
Window Glass
The dust and stain on the glass window of the package degrade optical performance of CCD sensor.
Keep the glass window clean by saturating a cotton swab in alcohol and lightly wiping the surface, and
allow the glass to dry, by blowing with filtered dry N2. Care should be taken to avoid mechanical or
thermal shock because the glass window is easily to damage.
3.
Incident Light
CCD sensor is sensitive to infrared light. Note that infrared light component degrades resolution and
PRNU of CCD sensor.
4.
Soldering
Soldering by the solder flow method cannot be guaranteed because this method may have deleterious
effects on prevention of window glass soiling and heat resistance.
Using a soldering iron, complete soldering within ten seconds for lead temperatures of up to 260°C, or
within three seconds for lead temperatures of up to 350°C.


Similar Part No. - TCD1709D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1702C TOSHIBA-TCD1702C Datasheet
416Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1704C TOSHIBA-TCD1704C Datasheet
504Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
More results

Similar Description - TCD1709D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1201DG TOSHIBA-TCD1201DG Datasheet
461Kb / 12P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
2004-02-09
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
TCD2561D TOSHIBA-TCD2561D Datasheet
264Kb / 16P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
   TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
   CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com