Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM15MD-24H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CM15MD-24H
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM15MD-24H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
R
S
T
P
N
P1
B
GB
GU
EU
GV
EV
GW
EW
UV
W
E
GU
GV
GW
EU
EV
EW
GU
GU
GV
GW
GB
8
15
15
17.2
10.16 10.16 10.16
2.54 2.54 2.54
2.54
2.54
2.54
2.54
GV
GW
E
E
GGG
GB
GE
GE
G E
N
P1
P
2 -
φ4.5
13 12.5 12.5
12.5
105 ±0.25
115
5
12.5
15
9
2
t = 0.6
t = 0.6
0.6
4
15
RS
T
B
UV
W
2 - R5.5
45°
MOUNTING
HOLES
MAIN CIRCUIT
TERMINAL
CONTROL CIRCUIT
TERMINAL
CIRCUIT DIAGRAM
LABEL
CM15MD-24H
APPLICATION
AC & DC motor controls, General purpose inverters, Servo controls, NC, Robotics
MITSUBISHI IGBT MODULES
CM15MD-24H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
¡IC ..................................................................... 15A
¡VCES ......................................................... 1200V
¡Insulated Type
¡CIB Module
3
φ Inverter+3φ Converter+Brake
¡UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM15MD-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30TX-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM50HA-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30CY-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM30TX-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn