Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA2131FN Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA2131FN
Description  Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2131FN Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA2131FN Datasheet HTML 7Page - Toshiba Semiconductor TA2131FN Datasheet HTML 8Page - Toshiba Semiconductor TA2131FN Datasheet HTML 9Page - Toshiba Semiconductor TA2131FN Datasheet HTML 10Page - Toshiba Semiconductor TA2131FN Datasheet HTML 11Page - Toshiba Semiconductor TA2131FN Datasheet HTML 12Page - Toshiba Semiconductor TA2131FN Datasheet HTML 13Page - Toshiba Semiconductor TA2131FN Datasheet HTML 14Page - Toshiba Semiconductor TA2131FN Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TA2131FN
2002-04-19
11
Maximum Ratings
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
4.5
V
Output current
Io (peak)
100
mA
Power dissipation
PD (Note)
500
mW
Operating temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
Note: Derated above Ta
= 25°C in the proportion of 4 mW/°C.
Electrical Characteristics (Unless specified otherwise, VCC1
==== 2.8 V, VCC2 ==== 1.2 V,
Rg
==== 600 W
W
W
W, RL ==== 16 W
W
W
W, f ==== 1 kHz, Ta ==== 25°C)
Characteristic
Symbol
Test condition
Min
Typ.
Max
Unit
ICC1
IC OFF (VCC1), SW1: b, SW2: b
¾
0.1
5
ICC2
IC OFF (VCC2), SW1: b, SW2: b
¾
0.1
5
mA
ICC3
MUTE ON (VCC1), SW1: a, SW2: b
¾
0.35
0.50
mA
ICC4
MUTE ON (VCC2), SW1: a, SW2: b
¾
5
10
mA
ICC5
No signal (VCC1), SW1: a, SW2: a
¾
0.55
0.75
Quiescent supply current
ICC6
No signal (VCC2), SW1: a, SW2: a
¾
0.20
0.40
ICC7
Po = 0.5 mW + 0.5 mW output (VCC1)
¾
0.6
¾
Power supply current during
drive
ICC8
Po = 0.5 mW + 0.5 mW output (VCC2)
¾
5.3
¾
mA
Gain
GV
Vo = -22dBV
10
12
14
Channel balance
CB
Vo = -22dBV
-1.5
0
1.5
dB
Output power
Pomax
THD
= 10%
5
8
¾
mW
Total harmonic distortion
THD
Po = 1 mW
¾
0.1
0.3
%
Output noise voltage
Vno
Rg = 600 W, Filter: IHF-A, SW4: b
¾
-102
-96
dBV
Crosstalk
CT
Vo = -22dBV
-42
-48
¾
RR1
fr = 100 Hz, Vr = -20dBV
inflow to VCC2
-71
-77
¾
Ripple rejection ratio
RR2
fr = 100 Hz, Vr = -20dBV
inflow to VCC1
-54
-64
¾
Mute attenuation
ATT
Vo = -12dBV, SW2: a ® b
-90
-100
¾
dB
Beep sound output
voltage
VBEEP
V Beep IN
= 2 Vp-o, SW2: b
-53
-48
-43
dBV
BST1
Vo = -20dBV, f = 100 Hz,
SW3: ON
® OPEN
1
4
7
BST2
Vo = -30dBV, f = 100 Hz,
SW3: ON
® OPEN
10
13
16
Boost gain
BST3
Vo = -50dBV, f = 100 Hz,
SW3: ON
® OPEN
13.5
16.5
19.5
dB


Similar Part No. - TA2131FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
More results

Similar Description - TA2131FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FLG TOSHIBA-TA2131FLG Datasheet
438Kb / 21P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com