Electronic Components Datasheet Search |
|
SUT462N Datasheet(PDF) 2 Page - AUK corp |
|
SUT462N Datasheet(HTML) 2 Page - AUK corp |
2 / 4 page KSD-T5P002-000 2 Absolute Maximum Ratings [Tr1, Tr2] (Ta=25 °C) Rating Characteristic Symbol Tr1 Tr2 Unit Collector-base voltage VCBO 60 -50 V Collector-emitter voltage VCEO 50 -50 V Emitter-base voltage VEBO 5 -5 V Collector current IC 150 -150 mA Collector power dissipation PC ※ 300 mW Junction temperature TJ 150 °C Storage temperature range Tstg -55~150 °C ※ : Total rating Electrical Characteristics [Tr1] (Ta=25 °C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Collector-emitter breakdown voltage BVCEO IC=1mA, IB=0 50 - - V Collector cut-off current ICBO VCB=60V, IE=0 - - 0.1 µA Emitter cut-off current IEBO VEB=5V, IC=0 - - 0.1 µA DC current gain hFE VCE=6V, IC=2mA 120 - 400 - Collector-emitter saturation voltage VCE(sat) IC=100mA, IB=10mA - - 0.25 V Base-emitter voltage VBE VCE=6V, IC=2mA - 0.65 - V Transition frequency fT VCE=10V, IC=10mA - 200 - MHz Collector output capacitance Cob VCB=10V, IE=0, f=1MHz - 2 - pF Electrical Characteristics [Tr2] (Ta=25 °C) Characteristic Symbol Test Condition Min. Typ. Max. Unit Collector-emitter breakdown voltage BVCEO IC=-1mA, IB=0 -50 - - V Collector cut-off current ICBO VCB=-50V, IE=0 - - -0.1 µA Emitter cut-off current IEBO VEB=-5V, IC=0 - - -0.1 µA DC current gain hFE VCE=-6V, IC=-2mA 120 - 400 - Collector-emitter saturation voltage VCE(sat) IC=-100mA, IB=-10mA - - -0.3 V Base-emitter voltage VBE VCE=-6V, IC=-2mA - -0.65 - V Transition frequency fT VCE=-10V, IC=-10mA - 200 - MHz Collector output capacitance Cob VCB=-10V, IE=0, f=1MHz - 4 - pF SUT462N |
Similar Part No. - SUT462N |
|
Similar Description - SUT462N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |