Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM40N05-19L Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part No. SUM40N05-19L
Description  N-Channel 55-V (D-S), 175C MOSFET, Logic Level
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo VAISH - Vaishali Semiconductor

SUM40N05-19L Datasheet(HTML) 5 Page - Vaishali Semiconductor

  SUM40N05-19L Datasheet HTML 1Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 2Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 3Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 4Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUM40N05-19L
Vishay Siliconix
New Product
Document Number: 72386
S-31922—Rev. A, 15-Sep-03
www.vishay.com
5
THERMAL RATINGS
Normalized Thermal Transient Impedance, Junction-to-Case
0
10
20
30
40
50
0
25
50
75
100
125
150
175
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
200
10
0.1
0.1
1
10
100
1
100
TC = 25_C
Single Pulse
1 ms
10 ms
dc, 100 ms
100 ms
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
Drain Current vs. Case Temperature
TC - Case Temperature (_C)
0.2
0.02
Single Pulse
Duty Cycle = 0.5
10 ms
0.05
0.1
Limited by rDS(on)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn