Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM40N05-19L Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part No. SUM40N05-19L
Description  N-Channel 55-V (D-S), 175C MOSFET, Logic Level
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo VAISH - Vaishali Semiconductor

SUM40N05-19L Datasheet(HTML) 4 Page - Vaishali Semiconductor

  SUM40N05-19L Datasheet HTML 1Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 2Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 3Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 4Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUM40N05-19L
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72386
S-31922—Rev. A, 15-Sep-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Drain Source Breakdown vs.
Junction Temperature
0.0
0.4
0.8
1.2
1.6
2.0
2.4
-50 -25
0
25
50
75
100 125 150 175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
VGS = 10 V
ID = 20 A
TJ = 25_C
TJ = 150_C
0
50
54
58
62
66
70
-50 -25
0
25
50
75
100 125 150 175
TJ - Junction Temperature (_C)
ID = 10 mA
1.5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn