Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM40N05-19L Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part No. SUM40N05-19L
Description  N-Channel 55-V (D-S), 175C MOSFET, Logic Level
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo VAISH - Vaishali Semiconductor

SUM40N05-19L Datasheet(HTML) 3 Page - Vaishali Semiconductor

  SUM40N05-19L Datasheet HTML 1Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 2Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 3Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 4Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUM40N05-19L
Vishay Siliconix
New Product
Document Number: 72386
S-31922—Rev. A, 15-Sep-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
5
10
15
20
0
10203040
0
300
600
900
1200
1500
0
11223344
55
0.00
0.01
0.02
0.03
0.04
0
20406080
100
0
10
20
30
40
50
60
0
20406080
100
0
20
40
60
80
100
02468
0
20
40
60
80
100
0
2468
10
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
25_C
125_C
4 V
TC = -55_C
VDS = 25 V
ID = 35 A
VGS = 10 thru 6 V
5 V
VGS = 10 V
VGS = 4.5 V
Crss
TC = -55_C
25_C
125_C
3 V
Coss
Ciss
ID - Drain Current (A)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn