Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUM40N05-19L Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part No. SUM40N05-19L
Description  N-Channel 55-V (D-S), 175C MOSFET, Logic Level
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo VAISH - Vaishali Semiconductor

SUM40N05-19L Datasheet(HTML) 2 Page - Vaishali Semiconductor

  SUM40N05-19L Datasheet HTML 1Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 2Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 3Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 4Page - Vaishali Semiconductor SUM40N05-19L Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUM40N05-19L
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72386
S-31922—Rev. A, 15-Sep-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
55
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, IDS = 250 mA
1.0
2.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 55 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 55 V, VGS = 0 V, TJ = 125_C
50
mA
g
DSS
VDS = 55 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 10 V
40
A
VGS = 10 V, ID = 20 A
0.0155
0.019
Drain Source On State Resistancea
rDS( )
VGS = 10 V, ID = 20 A, TJ = 125_C
0.033
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 20 A, TJ = 175_C
0.040
W
VGS = 4.5 V, ID = 15 A
0.020
0.025
Forward Transconductancea
gfs
VDS = 15 V, ID = 20 A
50
S
Dynamicb
Input Capacitance
Ciss
885
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
185
pF
Reversen Transfer Capacitance
Crss
80
Total Gate Chargec
Qg
10.5
13
Gate-Source Chargec
Qgs
VDS = 25 V, VGS = 10 V, ID = 35 A
4
nC
Gate-Drain Chargec
Qgd
DS
, GS
, D
4.8
Gate Resistance
Rg
f = 1.0 MHz
5.0
W
Turn-On Delay Timec
td(on)
5
8
Rise Timec
tr
VDD = 25 V, RL = 0.3 W
18
30
ns
Turn-Off Delay Timec
td(off)
VDD = 25 V, RL = 0.3 W
ID ] 35 A, VGEN = 10 V, RG = 2.5 W
20
30
ns
Fall Timec
tf
D
GEN
G
100
150
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current
Is
35
A
Pulsed Current
ISM
80
A
Forward Voltagea
VSD
IF = 35 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
25
40
ns
Peak Reverse Recovery Current
IRM(REC)
IF = 35 A, di/dt = 100 A/ms
1.5
2.5
A
Reverse Recovery Charge
Qrr
F
,
m
0.019
0.05
mC
Notes:
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn