Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST19XR08 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST19XR08
Description  Dual Contactless Smartcard MCU With 8 Kbytes EEPROM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST19XR08 Datasheet(HTML) 2 Page - STMicroelectronics

  ST19XR08 Datasheet HTML 1Page - STMicroelectronics ST19XR08 Datasheet HTML 2Page - STMicroelectronics ST19XR08 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ST19XR08
2/3
HARDWARE DESCRIPTION
The product, member of the ST19X platform, is a
serial access microcontroller specially designed
for cost effective secure portable applications.
It is manufactured using an advanced highly reli-
able ST CMOS EEPROM technology.
It is based on the STMicroelectronics 8 bit CPU al-
ready implemented on the ST19X product family
and includes on-chip memories: User ROM, User
RAM and EEPROM with state of the art security
features. ROM, RAM and EEPROM memories can
be configured into partitions with customized ac-
cess rules.
An additional ST ROM contains all ST provided
functions and libraries.
Access from any memory area to another are pro-
tected by hardware FIREWALLS. Access rules are
User defined and can be selected by mask op-
tions.
The chip includes an Enhanced DES accelerator
which is accessible via cryptographic software li-
braries located in ST ROM.
As with all the other ST19X products, a serial inter-
face fully compatible with the ISO7816 standard
for Smartcard applications is available.
A CRC calculation block is also available and is di-
rectly accessible by the User.
Figure 2. Block Diagram
SOFTWARE DEVELOPMENT
Software development and firmware generation
(ROM and options) are supported by a compre-
hensive set of development tools, dedicated at de-
velopment and validation of softwares:
– ST19-HDSX Emulator,
– ST19X simulation package,
– ST19 tools pack environment for Windows 98,
NT, 2000 based stations,
– Powerful C/C++ compiler and debugger are
also available (third party tools).
– RF contactless demokit based upon ISO 14443
type B standard.
INTERNAL BUS
MEMORY ACCESS FIREWALL
I/O
1 X
SERIAL
INTER-
FACE
GND
8 BIT
CPU
2 X
8 BIT
TIMERS
CRC
MODULE
CLK
CLOCK
GENE-
RATOR
MODULE
Vcc
GUN A
&
GUN B
ST ROM, and
EDES FIREWALL
RAM
USER ROM
ST ROM, RF
and EDES
LIBRARIES
EDES
ACCELE
-RATOR
387
SECU-
RITY
ADMIN.
RESET
RF
INTER-
FACE
EEPROM
AC0 AC1


Similar Part No. - ST19XR08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19XG34 STMICROELECTRONICS-ST19XG34 Datasheet
36Kb / 2P
   Smartcard MCU with 34KBYTES HIGH DENSITY EEPROM
ST19XL34V2 STMICROELECTRONICS-ST19XL34V2 Datasheet
157Kb / 4P
   Smartcard MCU With Modular Arithmetic Processor & 34 Kbytes High Density EEPROM
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
   Smartcard MCU With 8 Kbytes EEPROM
ST19XT34 STMICROELECTRONICS-ST19XT34 Datasheet
40Kb / 3P
   Smartcard MCU with MAP, USB/ISO Interface & 34 Kbytes High Density EEPROM
More results

Similar Description - ST19XR08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST19WR02 STMICROELECTRONICS-ST19WR02 Datasheet
49Kb / 3P
   Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
April 2004
ST19WR02 STMICROELECTRONICS-ST19WR02_06 Datasheet
100Kb / 4P
   Dual Contactless Smartcard MCU With 2 Kbytes EEPROM
ST19WR08 STMICROELECTRONICS-ST19WR08 Datasheet
139Kb / 5P
   Dual Contactless Smartcard MCU With RF UART, IART & 8 Kbytes EEPROM
ST19WSC8 STMICROELECTRONICS-ST19WSC8 Datasheet
51Kb / 3P
   Smartcard MCU With 8 Kbytes EEPROM
ST19NR66 STMICROELECTRONICS-ST19NR66 Datasheet
507Kb / 5P
   Dual Contactless Smartcard MCU with 66 KBytes High Density EEPROM
ST19XS08 STMICROELECTRONICS-ST19XS08 Datasheet
164Kb / 4P
   Smartcard MCU With 8 Kbytes EEPROM
ST19SF08 STMICROELECTRONICS-ST19SF08 Datasheet
27Kb / 2P
   Smartcard MCU With 8 KBytes EEPROM
ST19WS02 STMICROELECTRONICS-ST19WS02 Datasheet
41Kb / 3P
   Smartcard MCU With 2 Kbytes EEPROM
ST19WS04 STMICROELECTRONICS-ST19WS04 Datasheet
51Kb / 3P
   Smartcard MCU With 4 Kbytes EEPROM
ST19SF16 STMICROELECTRONICS-ST19SF16 Datasheet
27Kb / 2P
   Smartcard MCU With 16 KBytes EEPROM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com