Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUR547J Datasheet(PDF) 2 Page - AUK corp

Part No. SUR547J
Description  Epitaxial planar PNP silicon transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUK [AUK corp]
Homepage  https:www.auk.co.kr
Logo 

SUR547J Datasheet(HTML) 2 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-R5S014-000
2
SUR547J
Absolute Maximum Ratings [Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
-50
V
Input voltage
VI
-40, 10
V
Output current
IO
-100
mA
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
: Total rating
Electrical Characteristics [Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Output cut-off current
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC current gain
GI
VO=-5V, IO=-10mA
80
200
-
-
Output voltage
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-2.8
-5.0
V
Input voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-1.0
-1.2
-
V
Transition frequency
fT
*
VO=-10V, IO=-5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=-5V, IO=0
-
-
-0.18
mA
Input resistor (Input to base)
R1
-
33
47
61
Input resistor (Base to common)
R2
-
33
47
61
* : Characteristic of transistor only


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn