Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8506D2T33R4 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8506D2T33R4
Description  Micropower 400 mA LDO Linear Regulators with DELAY and RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8506D2T33R4 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8506D2T33R4 Datasheet HTML 3Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 4Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 5Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 6Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 7Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 8Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 9Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 10Page - ON Semiconductor NCV8506D2T33R4 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCV8506 Series
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. 5 V Output Voltage vs Temperature
0
0
Iout, OUTPUT CURRENT (mA)
50
100
150
200
250
700
400
300
200
100
5 V and Adj. > 5 V options only
Figure 4. 3.3 V Output Voltage vs Temperature
Figure 5. 2.5 V Output Voltage vs Temperature
Figure 6. Dropout Voltage vs Output Current
0.01
Iout, OUTPUT CURRENT (mA)
50
100
150
200
250
350
400
100
10
1.0
0.1
0
Figure 7. Output Stability with Output Voltage Change
Figure 8. Output Stability with Output Capacitor Change
500
600
125
°C
−40
4.90
TEMPERATURE (
°C)
4.98
5.00
5.08
5.10
−20
140
0
20
40
60
80
120
100
VOUT = 5.0 V
VIN = 14 V
IOUT = 5.0 mA
4.96
5.06
4.94
5.04
4.92
5.02
160
−40
3.23
TEMPERATURE (
°C)
3.31
3.33
3.35
−20
140
0
20
40
60
80
120
100
VOUT = 3.3 V
VIN = 14 V
IOUT = 5.0 mA
3.29
3.27
3.25
160
−40
2.45
TEMPERATURE (
°C)
2.49
2.50
2.54
2.55
−20
140
0
20
40
60
80
120
100
VOUT = 2.5 V
VIN = 14 V
IOUT = 5.0 mA
2.48
2.53
2.47
2.52
2.46
2.51
160
300
350
400
25
°C
−40
°C
300
VIN = 14 V
CVOUT = 10 mF
Unstable Region
Stable Region
2.5 V
3.3 V
5.0 V
0.1
Iout, OUTPUT CURRENT (mA)
50
100
150
200
250
350
400
100
10
1.0
0
300
5 V version
Unstable Region
Stable Region
CVOUT = 0.1 mF
Unstable Region
CVOUT = 33 mF*
*There is no unstable lower
region for the 33
mF capacitor


Similar Part No. - NCV8506D2T33R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8506D2T33R4 ONSEMI-NCV8506D2T33R4 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8506D2T33R4G ONSEMI-NCV8506D2T33R4G Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
More results

Similar Description - NCV8506D2T33R4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8506 ONSEMI-NCV8506_07 Datasheet
156Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY and RESET
February, 2007 ??Rev. 7
NCV8505 ONSEMI-NCV8505 Datasheet
76Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
January, 2004 ??Rev. 3
NCV8505 ONSEMI-NCV8505_07 Datasheet
164Kb / 12P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, and RESET
February, 2007 ??Rev. 8
NCV8504 ONSEMI-NCV8504_07 Datasheet
178Kb / 12P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 17
NCV8504 ONSEMI-NCV8504 Datasheet
101Kb / 14P
   Micropower 400 mA LDO Linear Regulators with DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503 Datasheet
106Kb / 14P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
January, 2004 ??Rev. 14
NCV8503 ONSEMI-NCV8503_07 Datasheet
186Kb / 13P
   Micropower 400 mA LDO Linear Regulators with ENABLE, DELAY, Adjustable RESET, and General Use Comparator
February, 2007 ??Rev. 19
NCV8504 ONSEMI-NCV8504_10 Datasheet
151Kb / 12P
   Micropower 400 mA LDO Linear Regulators
May, 2010 ??Rev. 22
NCV8505 ONSEMI-NCV8505_09 Datasheet
173Kb / 12P
   Micropower 400 mA LDO Linear Regulators
October, 2009 ??Rev. 12
NCV8501 ONSEMI-NCV8501 Datasheet
119Kb / 16P
   Micropower 150 mA LDO Linear Regulators with ENABLE, DELAY, RESET, and Monitor FLAG
September, 2004 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com