Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MM6558 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part No. MM6558
Description  Monolithic IC MM6558 Series
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM6558 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MITSUMI
High Precision Operational Amplifier MM6558
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
V+/V-
±12
V
Allowable power dissipation
Pd
300
mW
Differential input voltage
VID
±20
V
Input voltage
VI
±10
V
Electrical Characteristics (Unless otherwise specified Ta=25°C, V+/V-=±10V)
Item
Symbol
Measurement Conditions
Min. Typ. Max. Units
Operating power supply voltage range
±3.5
±11
V
Input offset voltage
VIO
RS <
= 10kΩ
0.1
0.5
mV
Input offset voltage temperature drift
VIO
±1
µV/°C
Input offset current
IIO
5
200
nA
Input bias current
IB
50
500
nA
Input resistance
RIN
0.3
3
M
In-phase input voltage
VCM
±8
±9
V
Voltage gain
AV
RL >
= 2kΩ, VO=±7V
86
100
dB
Maximum output voltage
VO
RL >
= 10kΩ
±8
±9
V
In-phase signal elimination ratio
CMRR
RS <
= 10kΩ
70
90
dB
Power supply voltage elimination ratio
PSRR
RS <
= 10kΩ
76.5
90
dB
Current consumption
ICC
3.0
5.0
mA
Output flow current
ISO
13
mA
Output inflow current
ISI
13
mA
Through rate
SR
RL >
= 2kΩ
3V/µS
Gain band area
GBW
7
MHz
Input conversion interference voltage
en
RS=300
Ω, IHFA (A curve)
1.2
µVrms
MM6558


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn