Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM6558 Datasheet(PDF) 13 Page - Mitsumi Electronics, Corp.

Part No. MM6558
Description  Monolithic IC MM6558 Series
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM6558 Datasheet(HTML) 13 Page - Mitsumi Electronics, Corp.

 
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MITSUMI
High Precision Operational Amplifier MM6558
2468
10
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
Ta=25
°C
Power supply voltage V+/V- ( V)
10
0
20
40
60
80
100
120
100
1k
10k
Frequency f (Hz)
100k
V+/V-= 5V, Ta=25
°C
2468
10
12
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Ta=25
°C
Power supply voltage V+/V- ( V)
0.01
0.1
1
10
Output voltage VO (Vrms)
0.001
0.01
0.1
1
V+/V-= 6V, RL=2k
Ω, Ta=25°C
10
100
1k
10k
1
10
Signal source resistance Rs (
Ω)
V+/V-= 6V, Ta=25
°C
02468
10
12
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.4
Ta=25
°C
Power supply voltage VCC (V)
1
10
100
1k
10k 100k 1M 10M
0
20
40
60
80
100
120
Frequency f (Hz)
V+/V-= 6V, Ta=25
°C
MM6565
Example of input calculation interference voltage relative
to signal source resistance characteristics
Example of input offset voltage relative to power supply
voltage characteristics
Example of input offset current to power supply
voltage characteristics
Example of voltage gain frequency characteristics
Example of current consumption relative to power
supply voltage characteristics
Example of complete higher harmonic distortion rate
output voltage characteristics
Example of power supply voltage elimination frequency
characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn