Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM6558 Datasheet(PDF) 11 Page - Mitsumi Electronics, Corp.

Part No. MM6558
Description  Monolithic IC MM6558 Series
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM6558 Datasheet(HTML) 11 Page - Mitsumi Electronics, Corp.

Back Button MM6558 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM6558 Datasheet HTML 14Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MITSUMI
High Precision Operational Amplifier MM6558
2468
10
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
Ta=25
°C
Power supply voltage V+/V- ( V)
0.1k
1k
10k
8
10
12
14
16
18
20
Load resistance RL (
Ω)
V+/V-= 10V, Ta=25
°C
2
4
6
8
10
12
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Ta=25
°C
Power supply voltage V+/V- ( V)
02468
10
12
0
1
2
3
4
5
Ta=25
°C
Power supply voltage V+/V- ( V)
2468
10
12
-5
-4
-3
-2
-1
0
1
2
3
4
5
Power supply voltage V+/V- ( V)
Ta=25
°C
2468
10
12
-0.5
-0.4
-0.3
-0.2
-0.1
0.1
0.2
0.3
0.4
0.5
Power supply voltage V+/V- ( V)
Ta=25
°C
0
02468
10
12
0
1
2
3
4
5
Power supply voltage V+/V- ( V)
Ta=25
°C
MM6561
MM6559
Example of input offset voltage relative to power supply
voltage characteristics
Comparison of input offset current relative to power
supply voltage characteristics
Example of input offset voltage relative to power supply
voltage characteristics
Example of offset current relative to power supply voltage
characteristics
Example of current consumption relative to power supply
characteristics
Example of current consumption relative to power supply
voltage characteristics
Example of maximum output voltage amplitude relative to
load characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn