Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM6558 Datasheet(PDF) 7 Page - Mitsumi Electronics, Corp.

Part No. MM6558
Description  Monolithic IC MM6558 Series
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUMI [Mitsumi Electronics, Corp.]
Homepage  https://www.mitsumi.co.jp/index_e.html
Logo 

MM6558 Datasheet(HTML) 7 Page - Mitsumi Electronics, Corp.

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MITSUMI
High Precision Operational Amplifier MM6558
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Unless otherwise specified Ta=25°C, VCC=5V)
MM6565
Item
Symbol
Measurement Conditions
Min. Typ. Max. Units
Operating power supply voltage range
4
5
13
V
Input offset voltage
VIO
0.2
0.9
mV
Input offset voltage temperature drift
VIO
±2
µV/°C
Input offset current
IIO
530
nA
Input bias current
IB
30
150
nA
Input voltage range
VI
0
VCC-1
V
Voltage gain
AV
RL >
= 100kΩ
80
100
dB
Output voltage range
VO
RL >
= 10kΩ
GND+1
VCC-1
V
Output flow current
ISO
0.5
mA
Output inflow current
ISI
0.5
mA
In-phase signal elimination ratio
CMRR
RS <
= 10kΩ
70
90
dB
Power supply voltage elimination ratio
PSRR
RS <
= 10kΩ
76.5
90
dB
Current consumption
ICC
0.35
0.5
mA
Through rate
SR
RL >
= 10kΩ
1V/µS
Gain band area
GBW
1
MHz
Input conversion interference voltage
en
RS=300
Ω, IHFA (A curve)
2.0
µVrms
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
15
V
Allowable power dissipation
Pd
300
mW
Input voltage
VI
0~15
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn