Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1276 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1276
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1276 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1276 Datasheet HTML 2Page - Maxim Integrated Products MAX1276 Datasheet HTML 3Page - Maxim Integrated Products MAX1276 Datasheet HTML 4Page - Maxim Integrated Products MAX1276 Datasheet HTML 5Page - Maxim Integrated Products MAX1276 Datasheet HTML 6Page - Maxim Integrated Products MAX1276 Datasheet HTML 7Page - Maxim Integrated Products MAX1276 Datasheet HTML 8Page - Maxim Integrated Products MAX1276 Datasheet HTML 9Page - Maxim Integrated Products MAX1276 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Operating Characteristics (continued)
(VDD = +5V, VL = VDD, fSCLK = 28.8MHz, fSAMPLE = 1.8Msps, TA = TMIN to TMAX, unless otherwise noted. Typical values are meas-
ured at TA = +25°C)
1.8Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
6
_______________________________________________________________________________________
DYNAMIC PERFORMANCE
vs. INPUT FREQUENCY (MAX1278)
ANALOG INPUT FREQUENCY (kHz)
400
300
200
71.25
71.50
71.75
72.00
71.00
100
500
SNR
SINAD
THD vs. INPUT FREQUENCY
ANALOG INPUT FREQUENCY (kHz)
400
300
200
-92
-94
-90
-88
-86
-96
100
500
MAX1278
MAX1276
SFDR vs. INPUT FREQUENCY
ANALOG INPUT FREQUENCY (kHz)
400
300
200
89
87
91
93
95
85
100
500
MAX1278
MAX1276
FFT PLOT (MAX1276)
ANALOG INPUT FREQUENCY (kHz)
750
600
450
300
150
-120
-100
-80
-60
-40
-20
0
-140
0900
fIN = 500kHz
SINAD = 71.0dB
SNR = 71.1dB
THD = -87.1dB
SFDR = 90.2dB
FFT PLOT (MAX1278)
ANALOG INPUT FREQUENCY (kHz)
750
600
450
300
150
-120
-100
-80
-60
-40
-20
0
-140
0
900
fIN = 500kHz
SINAD = 71.2dB
SNR = 71.3dB
THD = -95.5dB
SFDR = 90.5dB
TOTAL HARMONIC DISTORTION
vs. SOURCE IMPEDANCE
SOURCE IMPEDANCE (
Ω)
100
-90
-80
-70
-60
-50
-100
10
1000
fIN = 500kHz
fIN = 100kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn