Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1276 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1276
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1276 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1276 Datasheet HTML 1Page - Maxim Integrated Products MAX1276 Datasheet HTML 2Page - Maxim Integrated Products MAX1276 Datasheet HTML 3Page - Maxim Integrated Products MAX1276 Datasheet HTML 4Page - Maxim Integrated Products MAX1276 Datasheet HTML 5Page - Maxim Integrated Products MAX1276 Datasheet HTML 6Page - Maxim Integrated Products MAX1276 Datasheet HTML 7Page - Maxim Integrated Products MAX1276 Datasheet HTML 8Page - Maxim Integrated Products MAX1276 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1.8Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V ±5%, VL = VDD, fSCLK = 28.8MHz, 50% duty cycle, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
VL to GND ................-0.3V to the lower of (VDD + 0.3V) and +6V
Digital Inputs
to GND .................-0.3V to the lower of (VDD + 0.3V) and +6V
Digital Output
to GND ....................-0.3V to the lower of (VL + 0.3V) and +6V
Analog Inputs and
REF to GND..........-0.3V to the lower of (VDD + 0.3V) and +6V
RGND to GND .......................................................-0.3V to +0.3V
Maximum Current into Any Pin............................................50mA
Continuous Power Dissipation (TA = +70°C)
12-Pin TQFN (derate 16.9mW/°C above +70°C) ......1349mW
Operating Temperature Ranges
MAX127_ CTC ...................................................0°C to +70°C
MAX127_ ETC.................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
12
Bits
Relative Accuracy
INL
(Notes 1, 2)
-1.25
+1.25
LSB
Differential Nonlinearity
DNL
(Notes 1, 3)
-1.0
+1.0
LSB
Offset Error
±6.0
LSB
Offset-Error Temperature
Coefficient
±1
ppm/°C
Gain Error
Offset nulled
±6.0
LSB
Gain Temperature Coefficient
±2
ppm/°C
DYNAMIC SPECIFICATIONS (fIN = 525kHz sine wave, VIN = VREF, unless otherwise noted.)
Signal-to-Noise Plus Distortion
SINAD
(Note 1)
69
70
dB
Total Harmonic Distortion
THD
Up to the 5th harmonic (Note 1)
-80
-76
dB
Spurious-Free Dynamic Range
SFDR
(Note 1)
-83
-76
dB
Intermodulation Distortion
IMD
fIN1 = 250kHz, fIN2 = 300kHz
-78
dB
Full-Power Bandwidth
-3dB point, small-signal method
20
MHz
Full-Linear Bandwidth
S/(N + D) > 68dB, single ended
2.0
MHz
CONVERSION RATE
Minimum Conversion Time
tCONV
(Note 4)
0.556
µs
Maximum Throughput Rate
1.8
Msps
Minimum Throughput Rate
(Note 5)
10
ksps
Track-and-Hold Acquisition Time
tACQ
(Note 6)
104
ns
Aperture Delay
5ns
Aperture Jitter
(Note 7)
30
ps
External Clock Frequency
fSCLK
28.8
MHz
ANALOG INPUTS (AIN+, AIN-)
AIN+ - AIN-, MAX1276
0
VREF
Differential Input Voltage Range
VIN
AIN+ - AIN-, MAX1278
-VREF / 2
+VREF / 2
V
Absolute Input Voltage Range
0
VDD
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn