Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1276 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1276
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1276 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1276 Datasheet HTML 1Page - Maxim Integrated Products MAX1276 Datasheet HTML 2Page - Maxim Integrated Products MAX1276 Datasheet HTML 3Page - Maxim Integrated Products MAX1276 Datasheet HTML 4Page - Maxim Integrated Products MAX1276 Datasheet HTML 5Page - Maxim Integrated Products MAX1276 Datasheet HTML 6Page - Maxim Integrated Products MAX1276 Datasheet HTML 7Page - Maxim Integrated Products MAX1276 Datasheet HTML 8Page - Maxim Integrated Products MAX1276 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX1276/MAX1278 are low-power, high-speed, seri-
al-output, 12-bit, analog-to-digital converters (ADCs) that
operate at up to 1.8Msps and have an internal reference.
These devices feature true-differential inputs, offering bet-
ter noise immunity, distortion improvements, and a wider
dynamic range over single-ended inputs. A standard
SPI™/QSPI™/MICROWIRE™ interface provides the clock
necessary for conversion. These devices easily interface
with standard digital signal processor (DSP) synchronous
serial interfaces.
The MAX1276/MAX1278 operate from a single +4.75V to
+5.25V supply voltage. The MAX1276/MAX1278 include
a 4.096V internal reference. The MAX1276 has a unipolar
analog input, while the MAX1278 has a bipolar analog
input. These devices feature a partial power-down mode
and a full power-down mode for use between conver-
sions, which lower the supply current to 2mA (typ) and
1µA (max), respectively. Also featured is a separate
power-supply input (VL), which allows direct interfacing to
+1.8V to VDD digital logic. The fast conversion speed,
low-power dissipation, excellent AC performance, and DC
accuracy (±1.25 LSB INL) make the MAX1276/MAX1278
ideal for industrial process control, motor control, and
base-station applications.
The MAX1276/MAX1278 come in a 12-pin TQFN pack-
age, and are available in the commercial (0°C to +70°C)
and extended (-40°C to +85°C) temperature ranges.
Applications
Data Acquisition
Communications
Bill Validation
Portable Instruments
Motor Control
Features
♦ 1.8Msps Sampling Rate
♦ Only 55mW (typ) Power Dissipation
♦ Only 1µA (max) Shutdown Current
♦ High-Speed, SPI-Compatible, 3-Wire Serial Interface
♦ 70dB S/(N + D) at 525kHz Input Frequency
♦ Internal True-Differential Track/Hold (T/H)
♦ Internal 4.096V Reference
♦ No Pipeline Delays
♦ Small 12-Pin TQFN Package
1.8Msps, Single-Supply, Low-Power, True-
Differential, 12-Bit ADCs with Internal Reference
________________________________________________________________ Maxim Integrated Products
1
12
AIN+
11
N.C.
10
SCLK
45
N.C.
6
GND
1
2
REF
3
9
8
7
RGND
CNVST
DOUT
VL
MAX1276
MAX1278
AIN-
VDD
TQFN
TOP VIEW
PART
TEMP RANGE
PIN-
PACKAGE
INPUT
MAX1276CTC-T
0
°C to +70°C 12 TQFN-12
Unipolar
MAX1276ETC-T
-40
°C to +85°C 12 TQFN-12
Unipolar
MAX1278CTC-T
0
°C to +70°C 12 TQFN-12
Bipolar
MAX1278ETC-T
-40
°C to +85°C 12 TQFN-12
Bipolar
Pin Configuration
Ordering Information
MAX1276
MAX1278
DOUT
AIN+
4.7
µF
10
µF
10
µF
4.75V TO +5.25V
0.01
µF
0.01
µF
0.01
µF
+1.8V TO VDD
AIN-
REF
VDD
DIFFERENTIAL
INPUT
VOLTAGE
RGND
VL
GND
CNVST
SCLK
µC/DSP
+
-
Typical Operating Circuit
19-3364; Rev 0; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn