Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3424EMS Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LTC3424EMS
Description  Low Output Voltage 3MHz Micropower Synchronous Boost Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3424EMS Datasheet(HTML) 3 Page - Linear Integrated Systems

  LTC3424EMS Datasheet HTML 1Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 2Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 3Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 4Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 5Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 6Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 7Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 8Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC3423/LTC3424
34234f
The q denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Input High
VSHDN = VIN = VOUT
1V
SHDN Input Low
0.4
V
SHDN Input Current
VSHDN = 5.5V
0.01
1
µA
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3423/LTC3424 are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Current is measured into VDD since the supply current is
bootstrapped to the VDD pin. The outputs are not switching.
Note 4: Once the output is started, the IC is not dependant upon the VIN
supply.
Switching Waveform on SW Pin
TYPICAL PERFOR A CE CHARACTERISTICS
Transient Response
150mA to 450mA
SW
0.5V/DIV
ILOAD = 500mA
100ns/DIV
3423/24 G01
VOUT 1.8V
IOUT
COUT = 44µF
200
µs/DIV
3423/24 G02
L = 2.2
µH
fOSC = 1MHz
VOUT
100mV/DIV
AC COUPLED
450mA
150mA
Burst Mode Operation
at 500
µA Load
Burst Mode Operation
at 10mA Load
VOUT
100mV/DIV
AC COUPLED
VIN = 1.2V
1ms/DIV
3423/24 G03
VOUT = 1.8V
COUT = 44µF
MODE/SYNC PIN = HIGH
SW
1V/DIV
VOUT
100mV/DIV
AC COUPLED
VIN = 1.2V
500
µs/DIV
3423/24 G04
VOUT = 1.8V
COUT = 44µF
MODE/SYNC PIN = HIGH
SW
1V/DIV
0V


Similar Part No. - LTC3424EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424EMS LINER-LTC3424EMS Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results

Similar Description - LTC3424EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com