Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3424EMS Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC3424EMS
Description  Low Output Voltage 3MHz Micropower Synchronous Boost Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3424EMS Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC3424EMS Datasheet HTML 3Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 4Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 5Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 6Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 7Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 8Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 9Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 10Page - Linear Integrated Systems LTC3424EMS Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC3423/LTC3424
34234f
APPLICATIO S I FOR ATIO
Zero Current Amp. The zero current amplifier monitors the
inductor current to the output and shuts off the synchro-
nous rectifier once the current is below 50mA, preventing
negative inductor current.
Burst Mode Operation
Burst Mode operation is when the IC delivers energy to the
output until it is regulated and then goes into a sleep mode
where the outputs are off and the IC is consuming only
38
µA. In this mode, the output ripple has a variable
frequency component with load current and the steady
state ripple will be typically below 3%.
During the period where the device is delivering energy to
the output, the peak current will be equal to 400mA and the
inductor current will terminate at zero current for each cycle.
In this mode the maximum output current is given by:
I
V
V
Amps
OUT MAXBURST
IN
OUT
()
6
Burst Mode operation is user controlled by driving the
MODE/SYNC pin high to enable and low to disable. It is
recommended that Burst Mode operation be entered after
the part has started up.
COMPONENT SELECTION
Inductor Selection
The high frequency operation of the LTC3423/LTC3424
allows the use of small surface mount inductors. The
minimum inductance value is proportional to the operat-
ing frequency and is limited by the following constraints:
L
k
f
H and L
VV
V
f Ripple V
H
IN MIN
OUT MAX
IN MIN
OUT MAX
>
()
()
(
)
()
()
•–
••
where
k = 3 for LTC3423, 2 for LTC3424
f = Operating Frequency (Hz)
Ripple = Allowable Inductor Current Ripple (A)
VIN(MIN) = Minimum Input Voltage (V)
VOUT(MAX) = Maximum Output Voltage (V)
DETAILED DESCRIPTION
The LTC3423/LTC3424 provides high efficiency, low noise
power for applications such as portable instrumentation
and are ideal for applications that require an output voltage
between 1.5V and 2.6V from a single cell. These products
are an addition to the LTC3401 and LTC3402 family of
synchronous boost converters, with the differences being
the omission of the power good function (PGOOD) and the
addition of a VDD input to provide internal power. The IC
will not start up until the applied voltage on the VDD pin is
above 2.7V.
The current mode architecture with adaptive slope
compensation provides ease of loop compensation with
excellent transient load response. The low RDS(ON), low
gate charge synchronous switches provides the pulse
width modulation control at high efficiency.
Low Noise Fixed Frequency Operation
Oscillator. The frequency of operation is set through a
resistor from the Rt pin to ground where f = 3 • 1010/Rt. An
internally trimmed timing capacitor resides inside the IC.
The oscillator can be synchronized with an external clock
inserted on the MODE/SYNC pin. When synchronizing the
oscillator, the free running frequency must be set to
approximately 30% lower than the desired synchronized
frequency. Keeping the sync pulse width below 2
µs will
ensure that Burst Mode operation is disabled.
Current Sensing. Lossless current sensing converts the
peak current signal to a voltage to sum in with the internal
slope compensation. This summed signal is compared to
the error amplifier output to provide a peak current control
command for the PWM. The slope compensation in the IC
is adaptive to the input and output voltage. Therefore, the
converter provides the proper amount of slope compensa-
tion to ensure stability and not an excess causing a loss of
phase margin in the converter.
Error Amp. The error amplifier is a transconductance
amplifier with gm = 85µmhos. A simple compensation
network is placed from the VC pin to ground.
Current Limit. The current limit amplifier will shut the
NMOS switch off once the current exceeds its threshold.
The current amplifier delay to output is typically 50ns.


Similar Part No. - LTC3424EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424EMS LINER-LTC3424EMS Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results

Similar Description - LTC3424EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LT3494 LINER-LT3494_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com