Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK0240F Datasheet(PDF) 3 Page - AUK corp

Part # STK0240F
Description  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK0240F Datasheet(HTML) 3 Page - AUK corp

  STK0240F Datasheet HTML 1Page - AUK corp STK0240F Datasheet HTML 2Page - AUK corp STK0240F Datasheet HTML 3Page - AUK corp STK0240F Datasheet HTML 4Page - AUK corp STK0240F Datasheet HTML 5Page - AUK corp STK0240F Datasheet HTML 6Page - AUK corp STK0240F Datasheet HTML 7Page - AUK corp STK0240F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0O013-000
3
STK0240F
Electrical Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250µA, VGS=0
400
-
-
V
Gate-threshold voltage
VGS(th)
ID=250µA, VDS= VGS
3.0
-
5.0
V
Drain-source leakage current
IDSS
VDS=400V, VGS=0V
-
-
1
µA
Gate-source leakage
IGSS
VDS=0V, VGS=±30V
-
-
±100
nA
Drain-Source on-resistance
RDS(ON)
VGS=10V, ID=1.0A
-
4.2
5.0
Forward transfer admittance
gfs
VDS=10V, ID=1.0A
-
1.4
-
S
Input capacitance
Ciss
-
127
190
Output capacitance
Coss
-
25
37.5
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V, f=1MHz
-
4.9
7.4
pF
Turn-on delay time
td(on)
-
8.5
-
Rise time
tr
-
3.9
-
Turn-off delay time
td(off)
-
9
-
Fall time
tf
VDD=200V, VGS=10V
ID=2.0A, RG=25Ω
-
3.9
-
ns
Total gate charge
Qg
-
4.6
6.9
Gate-source charge
Qgs
-
1.1
-
Gate-drain charge
Qgd
VDD=200V, VGS=10V
ID=2.0A
-
1.7
-
nC
Source-Drain Diode Ratings and Characteristics
(Tc=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Continuous source current
IS
-
-
2
Source current (Pulsed)
ISM
Integral reverse diode
in the MOSFET
-
-
8
A
Forward voltage
VSD
VGS=0V, IS=2.0A
-
-
1.4
V
Reverse recovery time
trr
-
180
-
ns
Reverse recovery charge
Qrr
Is=2.0A, VGS=0V
dis/dt=100A/us
-
0.64
-
uC
Note ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=27mH, IAS=2.0A, VDD=50V, RG=25Ω
Pulse Test : Pulse Width< 300us, Duty cycle≤ 2%
Essentially independent of operating temperature


Similar Part No. - STK0240F

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK0240 AUK-STK0240 Datasheet
456Kb / 8P
   Advanced Power MOSFET
STK0240D AUK-STK0240D Datasheet
453Kb / 8P
   Advanced Power MOSFET
logo
VBsemi Electronics Co.,...
STK0240D VBSEMI-STK0240D Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STK0240F

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com