Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K105 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. K105
Description  Silicon Bilateral Voltage Triggered Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K105 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K105 Datasheet HTML 1Page - List of Unclassifed Manufacturers K105 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIDAC
K Series
Silicon Bilateral Voltage Triggered Switch
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 2
Rev 1.1 Sep. 9,2002
n Features
n General Description
l AC circuit oriented
l Glass-passivated junctions
l High surge current capability
n Applications
l High voltage lamp ignitors
l Natural gas ignitors
l Gas oil ignitors
l High voltage power supplies
l Xenon ignitors
l Over voltage protector
l Pulse generators
l Fluorescent lighting ignitors
l HID surge current capability
The
sidac
is
a
silicon
bilateral
voltage
triggered switch with greater power-handling
capabilities
than
standard
diacs.
Upon
application of a voltage exceeding the sidac
breakover voltage point, the sidac switches on
through a negative resistance region to a low
on-state voltage. Conduction continues until
the current is interrupted or drops below the
minimum holding current of the device.
CERAMATE offers a voltage range of 95 V to
330 V in DO-15 package.
CERAMATE’s sidacs feature glass passivated
junctions to ensure a rugged and dependable
device
capable
of
withstanding
harsh
environments.
Variations of devices covered in this data
sheet
are
available
for
custom
design
applications. Consult the factory for more
information.
n Electrical Characteristics
VBO
VDRM
IDRM
IT
IH
VTM
Part No
Breakover Voltage
(Instantaneous
clamping voltage)
Blocking
Voltage
Peak
Off-state
Current at
VDRM
Continuous
On-state
DC or RMS
Current
Holding
Current
Peak
On-state
Voltage IT
=1A
MIN (V)
MAX (V)
MIN (V)
MAX (µA)
MAX (A)
MAX (mA)
MAX (V)
K105
95
113
75
10
1.0
100
1.5
K110
104
118
85
10
1.0
100
1.5
K120
110
125
90
10
1.0
100
1.5
K130
120
138
95
10
1.0
100
1.5
K140
130
146
105
10
1.0
100
1.5
K150
140
170
115
10
1.0
100
1.5
K200
190
215
150
10
1.0
100
1.5
K220
205
230
165
10
1.0
100
1.5
K240
220
250
175
10
1.0
100
1.5
K250
240
280
190
10
1.0
100
1.5
K300
270
330
215
10
1.0
100
1.5


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn