Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5SB206CR6-28V-AC Datasheet(PDF) 1 Page - LEDTRONICS, INC

Part # 5SB206CR6-28V-AC
Description  Double Contact Type Miniature BaseLED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

5SB206CR6-28V-AC Datasheet(HTML) 1 Page - LEDTRONICS, INC

  5SB206CR6-28V-AC Datasheet HTML 1Page - LEDTRONICS, INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Numbering System Guide
206 = 5mm 6 chip
200 = 5mm 1 chip
Double Contact Type Miniature BaseLED Lamps
28V
LED Lens
Type
LED/Chip
Brightness Code
Standard Operating
Voltage
(Examples)
Polarity
(Examples)
BP = Bipolar
AC/DC
AC = AC Only
Electrical
Characteristics
Options
Color Code
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: http://www.ledtronics.com
1.7VF
2VF
3.5VF
5VDC
6VDC
12VDC
14VDC
24VDC
28VDC
36VDC
48VDC
120VDC
120VAC
Series
Base Type
C = Clear
Notes:
*
*
*
R= Red
O = Orange
A
= Amber
Y
= Yellow
IW = Incand White
PW= Pale White
W = Cool White
G = HE Green
PG = Pure Green
AG = Aqua Green
BG = Blue Green
B
= Blue
UB = Blue 430nm
IR = Infrared
(Examples)
206
5SB
No. of LEDs & base
OD characteristics
(Examples)
(Examples)
1. Contact local salesman to determine best
style for each application
2. (*) LED type and style, Lens type and style,
LED brightness code determined by factory
based on application
3. Not all possible combinations of color,voltage
and polarity are available
6-chip LEDs
R6
= HE Red (635nm)
R7
= UL Red (660nm)
Y3K = SP Yel (595nm)
1-chip LEDs
R3K = UL Red (660nm)
O3K = SP Org (610nm)
Y3K = SP Yel (595nm)
W4K = Cool White
IW2K = Incand White
AG6K= SP Green (525nm)
B1K = SP Blue (470nm)
Infrared LEDs
881
= Hi-Power (880nm)
941
= Hi-Power (941nm)
Submidget BiPin 3mm
BP122
BP124
BP121
WT122
WT124
WT121
Submidget Wire Terminal 3mm
BP206
BPF200
BP200
Midget BiPin 5mm
WT206
WTF200
WT200
Midget Wire Terminal 5mm
WF200
W206
Subminiature Wedge 5mm
BP
5SBF200
5SB206
Telephone Slide
55SB206
2-Pin Cartridge 5mm
CF290
CD290
CFS290
Telephone Slide
Blank = Polarized
B = Black Housing
1SB206
2SB206
5SB3127
WF150
5SB = T2#5 Teleslide
BP
= Bi-Pin Dome LED
W
= Wedge
WT = Wire Terminal
CF
= Cartridge 2 Pin
Cylindrical Lens
CD
= Cartridge 2 Pin
Dome Lens
2
R
C6
5S
6
0
B


Similar Part No. - 5SB206CR6-28V-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5SB206CRR6-1.7V-AC ETC1-5SB206CRR6-1.7V-AC Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
5SB206CRR6-1.7V-B ETC1-5SB206CRR6-1.7V-B Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
5SB206CRR6-1.7V-BP ETC1-5SB206CRR6-1.7V-BP Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
5SB206CRR6-2V-AC ETC1-5SB206CRR6-2V-AC Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
5SB206CRR6-2V-BP ETC1-5SB206CRR6-2V-BP Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
More results

Similar Description - 5SB206CR6-28V-AC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5SB206 ETC1-5SB206 Datasheet
103Kb / 1P
   DOUBLE CONTACT TYPE MINIATURE BASELED LAMPS
logo
LEDTRONICS, INC
BF321CR6-28V-BP LEDTRONICS-BF321CR6-28V-BP Datasheet
161Kb / 1P
   Single Contact Type Miniature BaseLED Lamps
logo
List of Unclassifed Man...
4BZ7 ETC2-4BZ7 Datasheet
77Kb / 2P
   DOUBLE TRIODE MINIATURE TYPE
12BW4 ETC2-12BW4 Datasheet
122Kb / 3P
   DOUBLE DIODE MINIATURE TYPE
12FM6 ETC2-12FM6 Datasheet
60Kb / 2P
   DOUBLE-DIODE TRIODE MINIATURE TYPE
G53AD-DC110 ETC-G53AD-DC110 Datasheet
54Kb / 2P
   Miniature Type, Heavy contact load up to 4000VA
6DE7 ETC2-6DE7_1 Datasheet
323Kb / 4P
   MINIATURE DOUBLE TRIODE
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
   Miniature Quartz Halogen Lamps
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
   Miniature Based LED Lamps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com