Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SQ6601PT Datasheet(PDF) 1 Page - AUK corp

Part No. SQ6601PT
Description  Off-Line Quasi-Resonance Flyback Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUK [AUK corp]
Homepage  https:www.auk.co.kr
Logo 

SQ6601PT Datasheet(HTML) 1 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KSD-I0U001-000
1
SQ6601PT
Off-Line Quasi-Resonance Flyback Switching Regulator
Description
The SQ6601PT is a hybrid IC consists from power MOSFET and a controller IC, designed for Indirect feed-back
Quasi-Resonant (including low frequency PRC)fly-back converter type SMPS (Switching Mode Power Supply)
applications. this IC realizes high efficiency, low noise, downsizing and standardizing of a power supply system
reducing external components count and simplifying the circuit designs. the device is provided in a five pin over-
molded TO-220 style package, affording dielectric isolation without compromising thermal characteristics.
(Note). PRC is abbreviation of “Pulse Ratio Control” (On-width control with fixed OFF-time).
Features
• Quasi-Resonant Operation
• Low-loss, Pulse-Ration-Control standby mode
• Under-voltage lockout with Hysteresis
• Adjustable switching speed for EMI control
• Low start-up circuit current (100uA max)
• Active low-pass filter for stabilizing the operation in case of light load
• Avalanche Energy Guaranteed MOSFET with high VDSS
• Built-in constant voltage drive circuit
• Built-in step drive circuit
• Built-in low frequency PRC mode (≒20kHz)
• Pulse-by-pulse Overcurrent Protection (OCP)
• Overvoltage Protection with latch mode (OVP)
• Thermal Shutdown with latch mode (TSD)
• Over-molded Five-Pin Package
Ordering Information
Type NO.
Marking
Package Code
SQ6601PT
SQ6601PT
TO-220F-5FL
Package Outline
S
Seem
miiccoon
nd
du
uccttoorr
TO-220 Fullpack (5 Lead)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn