Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SQ6601PT Datasheet(PDF) 4 Page - AUK corp

Part No. SQ6601PT
Description  Off-Line Quasi-Resonance Flyback Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUK [AUK corp]
Homepage  https:www.auk.co.kr
Logo 

SQ6601PT Datasheet(HTML) 4 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KSD-I0U001-000
4
SQ6601PT
Electrical Characteristics
(VCC = 11V, Ta = 25°C ; Unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Start Threshold Voltage
VTH(ST)
VCC Increasing
8.5
9.5
10.5
V
Stop Threshold Voltage
VTH(SP)
VCC decreasing after turn on
start threshold voltage
7.2
8
8.8
V
Start up Supply Current
IST
VCC = VTH(ST) - 0.1V
-
-
100
Operating Supply Current
ICC
VFB = 1V
-
3
7
Dynamic Operating Supply
Current
IDCC
-
-
4
10
Maximum Off Time
tMAX
Drain waveform high
30
-
60
Minimum Off Time
tMIN
Drain waveform high
-
-
1.5
Minimum Input Pulse Width
tMIN(W)
Drain waveform high
-
-
1.0
Over Voltage Threshold
VOVP
VCC Increasing until shut down
output
15.3
17
18.7
V
Latch Release Voltage
VRE
VCC decreasing until latch
releasing
2.5
-
6.0
V
Latch Holding Current
ICC(RE)
-
-
-
400
Feedback Threshold Voltage
VFB
-
0.68
0.73
0.78
V
Css Snchronized Voltage
VSYNC
-
1.3
1.45
1.6
V
Feedback Sink Current
ISINK
VFB = 1V
1.2
1.35
1.5
Thermal Shutdown Activation
Temperature
TJ(TSD)
-
140
-
-
Drain-to-Source Breakdown
Voltage
VDS
ID = 300uA
650
-
-
V
Drain Leakage Current
IDS
VDS = 650V
-
-
300
On-State Resistance
RDS(ON)
ID = 3.5A
-
-
1.2
Rise Time
tr
10% to 90%
-
-
250
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn