Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SQ6601PT Datasheet(PDF) 3 Page - AUK corp

Part No. SQ6601PT
Description  Off-Line Quasi-Resonance Flyback Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUK [AUK corp]
Homepage  https:www.auk.co.kr
Logo 

SQ6601PT Datasheet(HTML) 3 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-I0U001-000
3
Absolute maximum ratings
(Ta=25°C, Unless otherwise specified)
Characteristic
Symbol
Ratings
Unit
Note
Drain Source Voltage
VDS
650
V
-
Drain Current
ID
7
A
TC = 25℃
Peak Drain Current
IDP
28
A
Single Pulse
Single Pulsed Avalanche Energy
EAS
640
mJ
L=23mH,VDD=100V, IDP=7.0A
Control Supply Voltage
VCC
20
V
-
FB/OCP Voltage Range
FB/OCP
-0.3 ~ +6
V
-
Power Dissipation
PD
40
W
With infinite heatsink
Thermal Resistance, Junction to Case
RthJC
3.12
°C
/W
-
Junction Temperature
TJ
150
°C
-
Operating Temperature Range
Topr
-25 ~ +125
°C
-
Storage Temperature Range
Tstg
-55 ~ +150
°C
-
Recommended Operating Conditions
Time for input of quasi resonant signals.
For the Quasi resonant signal inputted to the VFB/OCP terminal at the time of quasi resonant operation, the signal
should be wider than Tth(2)
SQ6601PT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn