Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3317-H Datasheet(PDF) 1 Page - AUK corp

Part # SM3317-H
Description  LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SM3317-H Datasheet(HTML) 1 Page - AUK corp

  SM3317-H Datasheet HTML 1Page - AUK corp SM3317-H Datasheet HTML 2Page - AUK corp SM3317-H Datasheet HTML 3Page - AUK corp SM3317-H Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-O2B038-000
1
SM3317-H / SM3317-H(B)
LED Lamp
2
1
2
1
2.80~3.20
2 . 7 0 ~ 3 . 1 0
5 . 1 0 ~ 5 . 5 0
2 3 . 0 0
M i n .
0 . 7 0
M a x .
1 . 0 0
M i n .
2 . 5 4 T y p .
3 . 5 0 ~ 3 . 9 0
3 . 6 0 ~ 4 . 0 0
2.80~3.20
2 . 7 0 ~ 3 . 1 0
5 . 1 0 ~ 5 . 5 0
4 . 7 0 ~ 5 . 7 0
2 3 . 0 0
M i n .
1 . 0 0
M i n .
2 . 5 4 T y p .
3 . 5 0 ~ 3 . 9 0
3 . 6 0 ~ 4 . 0 0
1 . 2 0
M i n .
0 . 7 0
M a x .
Features
• φ3mm(T-1) all plastic mold type
• Available on tape and reel
Outline Dimensions
unit : mm
STRAIGHT
TYPE
STOPPER
TYPE : (B)
PIN Connections
1. Anode
2. Cathode
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r


Similar Part No. - SM3317-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SM3317-H KODENSHI-SM3317-H Datasheet
255Kb / 3P
   LAMP LED
More results

Similar Description - SM3317-H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com