Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXV1220S-10DBN4-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PXV1220S-10DBN4-T
Description  P-V SERIES, THERMAL SENSITIVE CHIP ATTENUATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PXV1220S-10DBN4-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PXV1220S-10DBN4-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P*V series, thermal sensitive
chip attenuators.
These thermo-variable attenuators have opposite temperature characteristics of
GaAs MOSFET amplifiers and compensate the temperature caused gain fluctuation
of such amplifiers.
PXV 1220S - 6dB
N1 - T
Package(T=Tape, B=Bulk)
Temperature coefficient of Attenuation
Attenuation
Part Code
Dimensions
SPECIFICATIONS
Electrical
PART NUMBER
1.25 0.2
2.0 0.2
PXV1220S
(0805)
Mechanical
Type
Attenuation
Frequency Range
PXV1220S
1, 2, 3, 4, 5, 6, 7, 8, 9, 10dB
Operating Temp. Range
40 C
100 C
Power Rating
63mW
PBV1632S
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 16dB
Attenuation tolerance
0.5dB(@25 C, no load)
Impedance
50
VSWR
1.3 or less
(dimension:mm)
N1 0.0119dB/dB* C
ex : 6dB
Temperature coefficient
of Attenuation
N1 N8
(Nin types available for
1 to 3 dB)
N2 0.0088dB/dB* C
N3 0.0062dB/dB* C
N4 0.0047dB/dB* C
N5 0.0041dB/dB* C
N6 0.0035dB/dB* C
N7 0.0026dB/dB* C
N8 0.0019dB/dB* C
DC
3GHz
100mW
0.35 0.2
0.35 0.2
0.55 0.2
1.0 0.2
0.9 0.2
0.4 0.1
0.70
0.2
0.65
0.35
0.65
0.35
1.60 0.2
0.55 0.25
0.4 0.2
3.2 0.2
PBV1632S
(1206)
1.5max
0.4 0.2
0.4 0.2
3.2 0.2
susumu group catalog
Top side
back side
Package
100pcs/package 1,000pcs/reel min.20pcs/package 1,000pcs/reel
• Contact us for data book in details.
“Not for shipment to or sale in the United States”
Equivalent
circuit
RoHS compliant
m1
m1
m1


Similar Part No. - PXV1220S-10DBN4-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXV1220S-06DBN1-T ETC2-PXV1220S-06DBN1-T Datasheet
1Mb / 1P
   Temperature compensated chip attenuators
PXV1220S-6DBN1-B ETC2-PXV1220S-6DBN1-B Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
PXV1220S-6DBN1-T ETC2-PXV1220S-6DBN1-T Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
More results

Similar Description - PXV1220S-10DBN4-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
Copal Electronics
E-TA COPAL-E-TA Datasheet
110Kb / 5P
   THERMAL VARIABLE ATTENUATORS
logo
Rohm
RCN02 ROHM-RCN02_08 Datasheet
77Kb / 3P
   Chip Attenuators
logo
RHOPOINT COMPONENTS
PAT1220C3T RHOPOINT-PAT1220C3T Datasheet
279Kb / 5P
   FIXED CHIP ATTENUATORS
logo
List of Unclassifed Man...
PXV1220S-06DBN1-T ETC2-PXV1220S-06DBN1-T Datasheet
1Mb / 1P
   Temperature compensated chip attenuators
logo
API Technologies Corp
TCAFN05 APITECH-TCAFN05 Datasheet
2Mb / 4P
   Temperature Variable Chip Attenuators
TCAFN09 APITECH-TCAFN09 Datasheet
1Mb / 2P
   Temperature Variable Chip Attenuators
logo
YAGEO Corporation
ATV321BR-071DBL YAGEO-ATV321BR-071DBL Datasheet
217Kb / 7P
   CHIP RESISTORS RF ATTENUATORS
logo
List of Unclassifed Man...
PAT1220-C-4DB ETC2-PAT1220-C-4DB Datasheet
65Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
PAT1220-C ETC2-PAT1220-C Datasheet
65Kb / 1P
   PAT series, RAT series, high-precision chip attenuators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com