Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA8251AHQ Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TA8251AHQ
Description  MAX POWER 30W BTL X 4CH AUDIO POWER IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8251AHQ Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA8251AHQ Datasheet HTML 1Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 2Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 3Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 4Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 5Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 6Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 7Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 8Page - Toshiba Semiconductor TA8251AHQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TA8251AHQ
2004-09-28
5
5. Muting function: Pin(1), pin(25)
By means of controlling pin(25) (mute control terminal) less than about 1.5V, it can make the IC muting
condition as below. However, pin(25) must not be connected to a certain voltage, for example, VCC, VDD, Vref, …
etc. In other words, pin(25) is inhibited to be pulled up, for instance fig. 5 application.
The attenuation by the muting function is 70dB (typ.). This muting is very smooth attenuating by the time
constant of pin(1): smoothing.
Therefore, this function is suitable to the audio muting. The time for attenuation: Tatt is adjustable by changing
the capacitance of C3. But the tatt may influence the popping noise level.
So, please decide the time of tatt by testing on the units.
6. AUX. amplifier: Pin(16)
The pin(16) is for input terminal of AUX. amplifier.
The total gain is 0dB by using of AUX. amplifier.
Therefore, the µ−con can directly drive the AUX. amplifier.


Similar Part No. - TA8251AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
More results

Similar Description - TA8251AHQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
logo
KEC(Korea Electronics)
KIA8251AH KEC-KIA8251AH Datasheet
249Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 30W BTL X 4CH AUDIO POWER IC)
logo
Toshiba Semiconductor
T8251AH TOSHIBA-T8251AH Datasheet
552Kb / 13P
   MAX POWER 300W BTL x 4CH AUDIO POWER IC
TA8255AH TOSHIBA-TA8255AH Datasheet
551Kb / 12P
   MAX POWER 22W BTL x 4CH AUDIO POWER IC
TA8259H TOSHIBA-TA8259H Datasheet
368Kb / 15P
   MAX POWER 37 W BTL x 4CH AUDIO POWER IC
TA8262H TOSHIBA-TA8262H Datasheet
360Kb / 15P
   MAX POWER 43 W BTL x 4CH AUDIO POWER IC
TA8255AHQ TOSHIBA-TA8255AHQ Datasheet
1Mb / 13P
   Max Power 22W BTL × 4ch Audio Power IC
2004-09-28
TA8252H TOSHIBA-TA8252H Datasheet
360Kb / 14P
   Max Power 37W BTL 횞 4ch Audio Power IC
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com