Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5505-30XC Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5505-30XC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5505-30XC Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5505-30XC Datasheet HTML 1Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 2Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 3Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 4Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 5Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 6Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 7Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 8Page - Anpec Electronics Coropration APL5505-30XC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
4
APL5505/6/7
3
Electrical Characteristics (Cont.)
Unless otherwise noted these specifications apply over full temperature , VIN=5V, CIN=4.7uF,COUT=4.7uF,
CONT=VIN, T
J=0 to 125°C . Typical values refer to T
J
=25
°C .
APL5505/6/7
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RESET/RESET
VIN = H
!L (APL5505A)
VDET=H
!L (APL5506A/5507A)
3.90
VS
Detection Voltage
VIN = H
!L (APL5505B)
VDET=H
!L(APL5506B/5507B)
4.2
V
△VS/△T
Vs Temperature
Coefficient
TJ = -20~+80°C
100
ppm/°C
△VS
Hysteresis Voltage
VIN = VDET = H
!L
100
200
mV
VOL
Low-level Output
Voltage
VIN = VDET = 3.9V, RL = 4.7k
30
60
mV
IOH
Output Leakage
Current
VIN = VDET = 5V
0.1
uA
IOL1
Output Current1
VIN = VDET =3.9V, RL = 0
5
mA
IOL2
Output Current2
VIN = VDET = 3.9V, RL = 0
3
mA
tPLH
“H” Transmission Delay
Time
Cd = 0uF
40
90
us
tPLH1
Reset Delay Time
VIN = VDET = 3.7V
!5V, Cd = 0.1uF
16
ms
tPHL
“L” Transmission Delay
Time
Cd = 0uF
10
90
us
VOPL
Threshold Operating
Voltage
VOL = 0.4V
0.9
1.1
V


Similar Part No. - APL5505-30XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5505-30XC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com