Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9141AEE-TBL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9141AEE-TBL
Description  Hall Effect Sensor IC with Reverse Voltage Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9141AEE-TBL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9141AEE-TBL Datasheet HTML 1Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 2Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 3Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 4Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 5Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 6Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 7Page - Anpec Electronics Coropration APX9141AEE-TBL Datasheet HTML 8Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Apr., 2004
APX9141
www.anpec.com.tw
3
Rank
Maximum Operate
Point Bop
Maximum Release
Point Brp
Unit
AT
+50
-50
A+70
-70
B
+100
-100
D
+150
-150
Gauss
Magnetic Characteristics T
A = 25°C, VDD=14V unless otherwise noted
Note : For 5cm and below DC fan application, grade A/AT device is recommended to avoid magnetic
sensitivity problem. For above 5cm DC fan application, grade B device is acceptable for most cases.
Figure 1 : Switching Circuit for Output Rise Time and Fall Time Measurement
Test Information
Application Circuit
Signal Generator
V
DD
Scope
23
14
C
L2
C
L1
R
L1
R
L2
APX9141
Figure 2 Typical DC brushless fan application circuit
23
1
V
DD
+B
-B
APX9141
L1
L2
4
V
DD
C1
C3
C2


Similar Part No. - APX9141AEE-TBL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9141AEE-TBL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH413NL WINSON-WSH413NL Datasheet
107Kb / 5P
   Hall Effect Switch IC with Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com