Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9141ATEE-TRL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APX9141ATEE-TRL
Description  Hall Effect Sensor IC with Reverse Voltage Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9141ATEE-TRL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APX9141ATEE-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APX9141ATEE-TRL Datasheet HTML 8Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Apr., 2004
APX9141
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Hall Effect Sensor IC with Reverse Voltage Protection
The APX9141 is an integrated Hall Effect Sensor
IC designed for electric commutation of DC
brushless motor applications. The APX9141 still can
operate at as low as 3 volts. The APX9141 is avail-
able in low cost TO -92M4 package with 3 different
magnetic ranks.
Pin Description
Ordering Information
Features
General Description
Applications
••••• Brushless DC Fan
••••• Revolution Counting
••••• Brushless DC Motor
••••• Speed Measurement
••••• On-chip Reverse Voltage Protection
••••• On-chip Hall Sensor
••••• Low Operating Supply Voltage : 3 V
••••• High Output Sinking Capability up to 400mA
••••• Versatile sensitivity and hysteresis setting
••••• Reliable and Rugged
••••• 4 pin TO-92M Package
APX9141
1 : V
DD
23
2 : DO
1
3 : DOB
4
4 : GND
Front View
AP X 9 1 4 1
M agnetic R ank
H a ndling C ode
T e m p . R ange
P a ck age C ode
M agnetic R ank
A T : | B o p , B rp | < 5 0 G a u s s
A : | B o p , B rp | < 70 G auss
B : | B o p , B rp | < 100 G a u s s
D : | B o p , B rp | < 150 G a uss
P a ck age C ode
E : T O - 9 2 M 4
T e m p . R ange
E : -2 0 to 8 5 C
H a ndling C ode
P B : P lastic B ag
T B : T ape & B o x
T R : T ape & R eel
Lead F ree C ode
L : Lea d F ree D e vice
B lank : O rig inal D e vice
°
Lead F ree C ode


Similar Part No. - APX9141ATEE-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9141ATEE-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH413NL WINSON-WSH413NL Datasheet
107Kb / 5P
   Hall Effect Switch IC with Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com