Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9141BEE-PB Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9141BEE-PB
Description  Hall Effect Sensor IC with Reverse Voltage Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9141BEE-PB Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9141BEE-PB Datasheet HTML 1Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 2Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 3Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 4Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 5Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 6Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 7Page - Anpec Electronics Coropration APX9141BEE-PB Datasheet HTML 8Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.7 - Apr., 2004
APX9141
www.anpec.com.tw
2
Block Diagram
Gnd
DO
AP X9 14 1
T em perature
Com p en s a ted
V oltage
R egulator
Hall
Elem e nt
C urrent
A m p lifier
Latc h
Circ u it
O utput
B uffe r 1
Hys te res is
Con tro l
S en s itivity
Con tro l
V
DD
O utput
B uffe r 2
DO B
Rev e rse
V oltage
P rotection
Symbol
Param eter
Rating
Unit
V
DD
Supply Voltage
20
V
V
BD
Output Breakdown Voltage
55
V
I
DD
Supply Current
25
mA
I
OUT
Output Current –
Continuous
Hold Current
Peak (Start Up)
400
600
800
mA
P
D
Maxim um Power Dissipation
500
mW
T
A
Operating Ambient Temperature
-20 to 85
T
STG
Storage Tem perature Range
-65 to 150
T
SO L
Soldering Temperature (10 Sec.)
260
°C
APX9141
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
V
DD
Supply Voltage
Operating
3
20
V
V
SAT
Output Saturation Voltage
V
DD=14V, IOUT=400mA, B>Bop
250
500
mV
I
DD
Supply Current
V
DD=20V, Output Open
20
25
mA
I
Leak
a
Output Leakage Current
V
OUT=20V, VDD=20V, B<Brp
<0.1
10
µA
t
r
b
Output Rise Time
0.8
5
µs
t
f
b
Output Fall Time
0.1
1
µs
∆t b
Switch Time Different
V
DD =14V, RL=820Ω
C
L=20pF
3.5
7
µs
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Electrical Characteristics T
A = 25°C, VDD=20V unless otherwise noted
Note a : No leakage current spike when IC start-up
b : use Figure 1


Similar Part No. - APX9141BEE-PB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-PB ANPEC-APX9140AEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140AEE-TR ANPEC-APX9140AEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-PB ANPEC-APX9140BEE-PB Datasheet
56Kb / 7P
   Hall Effect Sensor IC
APX9140BEE-TR ANPEC-APX9140BEE-TR Datasheet
56Kb / 7P
   Hall Effect Sensor IC
More results

Similar Description - APX9141BEE-PB

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9142 ANPEC-APX9142 Datasheet
466Kb / 7P
   High Sensitivity Hall Effect Sensor IC with Reverse Voltage Protection
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH413NL WINSON-WSH413NL Datasheet
107Kb / 5P
   Hall Effect Switch IC with Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com