Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

273804-002 Datasheet(PDF) 29 Page - Intel Corporation

Part # 273804-002
Description  Ultra-Low Voltage Intel-R Celeron-R Processor (0.13 u in the Micro FC-BGA Package
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

273804-002 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 273804-002 Datasheet HTML 25Page - Intel Corporation 273804-002 Datasheet HTML 26Page - Intel Corporation 273804-002 Datasheet HTML 27Page - Intel Corporation 273804-002 Datasheet HTML 28Page - Intel Corporation 273804-002 Datasheet HTML 29Page - Intel Corporation 273804-002 Datasheet HTML 30Page - Intel Corporation 273804-002 Datasheet HTML 31Page - Intel Corporation 273804-002 Datasheet HTML 32Page - Intel Corporation 273804-002 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
Ultra-Low Voltage Intel
® Celeron® Processor — 650 MHz and 400 MHz
Datasheet
29
Multiplying the bus clock frequency is necessary to increase performance while allowing for easier
distribution of signals within the system. Clock multiplication within the processor is provided by
the internal Phase Lock Loop (PLL), which requires constant frequency BCLK and BCLK# inputs.
During Reset or on exit from the Deep Sleep state, the PLL requires some amount of time to
acquire the phase of BCLK and BCLK#. This time is called the PLL lock latency, which is
specified in Section 3.6, AC timing parameters T18 and T47.
3.4
Maximum Ratings
Table 13 contains the ULV Intel
® Celeron® processor stress ratings. Functional operation at the
absolute maximum and minimum is neither implied nor ensured. The processor should not receive
a clock while subjected to these conditions. Functional operating conditions are provided in the AC
and DC tables. Extended exposure to the maximum ratings may affect device reliability. Although
the processor contains protective circuitry to resist damage from static electric discharge, you
should always take precautions to avoid high static voltages or electric fields.
Table 13. Ultra-Low Voltage Intel
® Celeron® Processor Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
TStorage
Storage Temperature
–40
85
° C
1
VCC(Abs) Supply Voltage with respect to VSS
–0.5
1.75
V
VCCT
System Bus Buffer Voltage with respect to VSS
–0.3
1.75
V
VIN GTL
System Bus Buffer DC Input Voltage with respect to VSS
–0.3
1.75
V
2, 3
VIN125
1.25 V Buffer DC Input Voltage with respect to VSS
–0.3
1.75
V
4
VIN15
1.5 V Buffer DC Input Voltage with respect to VSS
–0.3
2.0
V
5
VIN18
1.8 V Buffer DC Input Voltage with respect to VSS
–0.3
2.0
V
6
VIN20
2.0 V Buffer DC Input Voltage with respect to VSS
–0.3
2.4
V
7
VIN25
2.5 V Buffer DC Input Voltage with respect to VSS
–0.3
3.3
V
9
VINVID
VID ball/pin DC Input Voltage with respect to VSS
—3.465
V
8
IVID
VID Current
-0.3
3.6
mA
8
NOTES:
1. The shipping container is only rated for 65° C.
2. Parameter applies to the AGTL signal groups only. Compliance with both VIN GTL specifications is required.
3. The voltage on the AGTL signals must never be below –0.3 V or above 1.75 V with respect to ground.
4. Parameter applies to CLKREF, TESTHI, VTTPWRGD signals.
5. Parameter applies to CMOS, Open-drain, APIC, TESTLO and TAP bus signal groups only.
6. Parameter applies to PWRGOOD signal.
7. Parameter applies to PICCLK signal.
8. Parameter applies to each VID pin/ball individually.
9. Parameter applies to BCLK signal in Single Ended Clocking Mode.


Similar Part No. - 273804-002

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
27380B102JO0 CDE-27380B102JO0 Datasheet
116Kb / 2P
   High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
27380B102JO0 CDE-27380B102JO0 Datasheet
3Mb / 10P
   Rectangular Case, High-Current and High-Voltage Circuits
27380B103JO0 CDE-27380B103JO0 Datasheet
116Kb / 2P
   High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
27380B103JO0 CDE-27380B103JO0 Datasheet
3Mb / 10P
   Rectangular Case, High-Current and High-Voltage Circuits
27380B201JO0 CDE-27380B201JO0 Datasheet
116Kb / 2P
   High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
More results

Similar Description - 273804-002

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
251748-007 INTEL-251748-007 Datasheet
3Mb / 102P
   Intel Celeron Processor on 0.13 Micron Process in the 478-Pin Package
logo
AAEON Technology
MPC-6800 AAEON-MPC-6800 Datasheet
727Kb / 1P
   Intel Ultra Low Voltage Celeron Processor
logo
Intel Corporation
316963-002 INTEL-316963-002 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
logo
AAEON Technology
EPIC-QM77 AAEON-EPIC-QM77 Datasheet
184Kb / 2P
   EPIC Board with Onboard Intel R Core Tm i7-3555LE/Celeron R 847E Processor
TKS-G21-QM77 AAEON-TKS-G21-QM77 Datasheet
278Kb / 2P
   Fanless Embedded Box for Intel R 3rd Generation Core Tm i7/i3/Celeron R Mobile Processor
GENE-6320 AAEON-GENE-6320 Datasheet
677Kb / 1P
   Intel Pentium III Processor - Low Power or Celeron Processor - Ultra Low Power
logo
Intel Corporation
298596-004 INTEL-298596-004 Datasheet
1Mb / 82P
   Intel Celeron Processor for the PGA370 Socket up to 1.40 GHz on 0.13 Micron Process
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
BCM Advanced Research.
MX3965U BCM-MX3965U Datasheet
656Kb / 1P
   7th Gen Intel Celeron Processor 3965U BGA Mini-ITX Motherboard
2020/12/14
logo
Intel Corporation
251308-008 INTEL-251308-008 Datasheet
1Mb / 91P
   Mobile Intel Celeron Processor on .13 Micron Process and in FCPGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com