Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

273804-002 Datasheet(PDF) 19 Page - Intel Corporation

Part # 273804-002
Description  Ultra-Low Voltage Intel-R Celeron-R Processor (0.13 u in the Micro FC-BGA Package
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

273804-002 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 273804-002 Datasheet HTML 15Page - Intel Corporation 273804-002 Datasheet HTML 16Page - Intel Corporation 273804-002 Datasheet HTML 17Page - Intel Corporation 273804-002 Datasheet HTML 18Page - Intel Corporation 273804-002 Datasheet HTML 19Page - Intel Corporation 273804-002 Datasheet HTML 20Page - Intel Corporation 273804-002 Datasheet HTML 21Page - Intel Corporation 273804-002 Datasheet HTML 22Page - Intel Corporation 273804-002 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Ultra-Low Voltage Intel
® Celeron® Processor — 650 MHz and 400 MHz
Datasheet
19
3.0
Electrical Specifications
3.1
Processor System Signals
Table 5 lists the processor system signals by type. All AGTL signals are synchronous with the
BCLK and BCLK# signals. All TAP signals are synchronous with the TCK signal except TRST#.
All CMOS input signals may be applied asynchronously.
The APIC data and TAP outputs are Open-drain and should be pulled up to 1.5 V using resistors
with the values shown in Table 6. If Open-drain drivers are used for input signals, then they should
also be pulled up to the appropriate voltage using resistors with the values shown in Table 6.
Table 5.
System Signal Groups
Group Name
Signals
AGTL Input
BPRI#, DEFER#, RESET#, RSP#
AGTL Output
PRDY#
AGTL I/O
A[35:3]#, ADS#, AERR#, AP[1:0]#, BERR#, BINIT#, BNR#, BP[3:2]#,
BPM[1:0]#, BREQ0#, D[63:0]#, DBSY#, DEP[7:0]#, DRDY#, HIT#, HITM#,
LOCK#, REQ[4:0]#, RP#, RS[2:0]#, TRDY#
1.5 V CMOS Input
A20M#, DPSLP#, FLUSH#, IGNNE#, INIT#, LINT0/INTR, LINT1/NMI,
PREQ#, SMI#, STPCLK#
1.8 V CMOS Input
PWRGOOD
1.5 V Open Drain Output
FERR#, IERR#
3.3 V Open Drain Output
BSEL[1:0], VID[4:0]
1.25 V input
VTTPWRGD
Clock
BCLK, BCLK# (Differential Mode)
2.5 V Clock Input
BCLK (Single Ended Mode)
APIC Clock
PICCLK
APIC I/O
PICD[1:0]
Thermal Diode
THERMDC, THERMDA
TAP Input
TCK, TDI, TMS, TRST#
TAP Output
TDO
Power/Other
CLKREF, CMOSREF, EDGECTRLP, NC, NCTRL, PLL1, PLL2, RTTIMPEDP,
VCC, VCCT, VREF, VSS,
NOTES:
1. VCC is the power supply for the core logic.
2. PLL1 and PLL2 are power/ground for the PLL analog section. See Section 3.2.2 for details.
3. VCCT is the power supply for the system bus buffers.
4. VREF is the voltage reference for the AGTL input buffers.
5. VSS is system ground.


Similar Part No. - 273804-002

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
27380B102JO0 CDE-27380B102JO0 Datasheet
116Kb / 2P
   High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
27380B102JO0 CDE-27380B102JO0 Datasheet
3Mb / 10P
   Rectangular Case, High-Current and High-Voltage Circuits
27380B103JO0 CDE-27380B103JO0 Datasheet
116Kb / 2P
   High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
27380B103JO0 CDE-27380B103JO0 Datasheet
3Mb / 10P
   Rectangular Case, High-Current and High-Voltage Circuits
27380B201JO0 CDE-27380B201JO0 Datasheet
116Kb / 2P
   High-Voltage Mica Capacitors Rectangular Case, High-Current and High-Voltage Circuits
More results

Similar Description - 273804-002

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
251748-007 INTEL-251748-007 Datasheet
3Mb / 102P
   Intel Celeron Processor on 0.13 Micron Process in the 478-Pin Package
logo
AAEON Technology
MPC-6800 AAEON-MPC-6800 Datasheet
727Kb / 1P
   Intel Ultra Low Voltage Celeron Processor
logo
Intel Corporation
316963-002 INTEL-316963-002 Datasheet
1Mb / 100P
   Supporting the Intel Celeron processor
logo
AAEON Technology
EPIC-QM77 AAEON-EPIC-QM77 Datasheet
184Kb / 2P
   EPIC Board with Onboard Intel R Core Tm i7-3555LE/Celeron R 847E Processor
TKS-G21-QM77 AAEON-TKS-G21-QM77 Datasheet
278Kb / 2P
   Fanless Embedded Box for Intel R 3rd Generation Core Tm i7/i3/Celeron R Mobile Processor
GENE-6320 AAEON-GENE-6320 Datasheet
677Kb / 1P
   Intel Pentium III Processor - Low Power or Celeron Processor - Ultra Low Power
logo
Intel Corporation
298596-004 INTEL-298596-004 Datasheet
1Mb / 82P
   Intel Celeron Processor for the PGA370 Socket up to 1.40 GHz on 0.13 Micron Process
logo
List of Unclassifed Man...
G4V300-D ETC2-G4V300-D Datasheet
275Kb / 2P
   Intel Pentium 4 Processor and Intel Celeron Processor
logo
BCM Advanced Research.
MX3965U BCM-MX3965U Datasheet
656Kb / 1P
   7th Gen Intel Celeron Processor 3965U BGA Mini-ITX Motherboard
2020/12/14
logo
Intel Corporation
251308-008 INTEL-251308-008 Datasheet
1Mb / 91P
   Mobile Intel Celeron Processor on .13 Micron Process and in FCPGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com