Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9131ATI-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APX9131ATI-TRL
Description  Hall Effect Micro Switch IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131ATI-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APX9131ATI-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APX9131ATI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Sep., 2005
APX9131
www.anpec.com.tw
5
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
Typical Characteristics
Output Low Voltage (V)
Time (2us/div)
Time (50us/div)
Output Sink Current vs. Output Low Voltage
VDD=3V
RL=5.1k
CL=12pF
VOUT=0.5V
/div
VDD=3V
RL=5.1k
CL=12pF
VOUT=0.5V
/div
VDD=4V
VDD=5V
VDD=3V
Output Switch Waveform
Output Switch Waveform
0


Similar Part No. - APX9131ATI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9131ATI-TRG ANPEC-APX9131ATI-TRG Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
More results

Similar Description - APX9131ATI-TRL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com