Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APX9131AI-TR Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APX9131AI-TR
Description  Hall Effect Micro Switch IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9131AI-TR Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APX9131AI-TR Datasheet HTML 2Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 3Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 4Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 5Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 6Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 7Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 8Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 9Page - Anpec Electronics Coropration APX9131AI-TR Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Sep., 2005
APX9131
www.anpec.com.tw
6
OUTPUT OFF
B
OPN
B
OPS
B
RPN
B
RPS
OUTPUT ON
MAGNETIC FLUX
0
+B
-B
0
5V
MAX
Operation
The output of APX9131 switches low (turns on) when
in presence of strong flux density facing the marked
side of package exceeds the operate point B
OPS (or is
less than B
OPN). After turn-on, the output is capable of
sinking up to 1 mA and the output voltage is low (turns
on). In absence of flux density below the release point
B
RPS (or increased above BRPN), the APX9131 output
switches high (turns off). The difference in the magnetic
operated and released point is the hysteresis (B
hys) of
the device. This built-in hysteresis allows clean
switching of the output even in the presence of external
mechanical bouncing vibration and electrical noise.
Function Description
Pole-independent
The pole-independent sensing technique allows for
operation with either a north or south pole magnet
orientation, enhancing the manufacturability of the
device. The state-of-the-art technology provides the
same output polarity for either pole in presence.
Awake & Sleep
Internal awake & sleep timing block circuit activates the
sensor for 180 us and deactivates it for the remainder of
the period (60 ms). A short “awake” time allows for
stabilization prior to the sensor sampling and data
latching on the falling edge of the timing pulse. While
in sleep cycle the output is latched in its previous
state.
Chopper Stabilized Technique
The chopper stabilized technique cancels the
mismatching of the hall element, the amplifier offset
voltage and temperature sensitive drift by the dynamic
offset cancellation and switched capacitor technique.
This technique produces devices have an extremely
stable Hall output voltage, therefore the magnetic
switch points are stable.
Application Information
It is strongly recommended that an external bypass
capacitor be connected (in close to the Hall sensor)
between the supply and ground of the device to reduce
both external noise and noise generated by the
chopper-stabilization technique. This is especially
true due to the relatively high impedance of battery
supplies.The output is an open drain output, it must be
connected a pull-up resistor to a supply voltage which
is lower than 5V, connect a 50k
resistor to VDD in
common use.


Similar Part No. - APX9131AI-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9131AI-TRG ANPEC-APX9131AI-TRG Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
More results

Similar Description - APX9131AI-TR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH8105 UTC-UH8105 Datasheet
124Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9132G ANPEC-APX9132G Datasheet
209Kb / 14P
   Hall Effect Micro Switch IC
APX9131 ANPEC-APX9131_09 Datasheet
211Kb / 14P
   Hall Effect Micro Switch IC
APX9132A ANPEC-APX9132A Datasheet
208Kb / 14P
   Hall Effect Micro Switch IC
APX8132A ANPEC-APX8132A Datasheet
164Kb / 13P
   Hall Effect Micro Switch IC
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8105 UTC-UH8105_15 Datasheet
127Kb / 5P
   Hall Effect Micro Switch IC
logo
Anpec Electronics Corop...
APX9136 ANPEC-APX9136 Datasheet
198Kb / 12P
   Hall Effect Micro Switch IC
APX8131 ANPEC-APX8131 Datasheet
185Kb / 12P
   Hall Effect Micro Switch IC
APX9132 ANPEC-APX9132 Datasheet
177Kb / 11P
   Hall Effect Micro Switch IC
logo
Unisonic Technologies
UH8103 UTC-UH8103_15 Datasheet
195Kb / 4P
   Hall Effect Micro Switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com