Electronic Components Datasheet Search |
|
APR3023-24A Datasheet(PDF) 9 Page - Anpec Electronics Coropration |
|
APR3023-24A Datasheet(HTML) 9 Page - Anpec Electronics Coropration |
9 / 15 page Copyright ANPEC Electronics Corp. Rev. A.2 - Oct., 2003 APR3021/2/3 www.anpec.com.tw 9 Application Information VCC Transient Rejection The APR3021/2/3 have the function to reject the tran- sient glitches from the power line. The Maximum Tran- sient Duration vs. Reset Threshold Overdrive shows at Typical Characteristics.The transient voltage with the duration under the curve will not generate a reset signal, e.g. a transient of 100mV below the reset threshold voltage have the duration more than 35us, it will generate a reset signal. Connect a 0.1uF bypass capacitor to the VCC pin can improve the transient immunity. Reset Output The APR3021/2/3 have 3 output stage versions: APR3001 is an active low push-pull output, when the VCC drops below the reset threshold, the RESET out- put generates a low signal. APR3022 is an active high push-pull output, when the VCC drops below the reset threshold, the RESET output generates a high signal (see Timing Chart). APR3023 is an active low open drain output, the RESET output must be connected a pull-up resistor to a supply voltage that is lower than 6V, it suits to use in multiple voltage systems (see Figure 2). The APR3021 RESET output is valid until the VCC=1.2V, below 1.2V the IC is shutdown, and the output becomes a floating state. If it is a trouble, a resistor should be connected from reset output to ground to keep the reset output low (see Figure 1). For The APR3022, a pull-up resistor to VCC is required to keep the valid reset output for VCC below 1.2V. RESET VCC GND VCC 100K Figure 1. Ensuring RESET Valid to VCC = 0 V VCC APR3023 RESET GND +3.3V +5.0V VCC GND RESET INPUT 5V System 100k Figure 2. APR3023 Open Drain Output with Multiple Supplies |
Similar Part No. - APR3023-24A |
|
Similar Description - APR3023-24A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |