Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5502-29DC Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5502-29DC
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5502-29DC Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5502-29DC Datasheet HTML 1Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5502-29DC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
2
Product Name
Marking
Product Name
Marking
Product Name
Marking
APL5501-13B
517X
APL5501-21B
51FX
APL5501-28B
51MX
APL5501-14B
518X
APL5501-22B
51GX
APL5501-29B
51NX
APL5501-15B
519X
APL5501-23B
51HX
APL5501-30B
51OX
APL5501-16B
51AX
APL5501-24B
51IX
APL5501-31B
51PX
APL5501-17B
51BX
APL5501-25B
51JX
APL5501-32B
51QX
APL5501-18B
51CX
APL5501-26B
51KX
APL5501-33B
51RX
APL5501-19B
51DX
APL5501-27B
51LX
APL5501-34B
51SX
APL5501-20B
51EX
Package Code
B : SOT-23-5
D : S OT-89
D5 : SOT-89-5
U : TO-252
U5 : TO-252-5
V : SOT-223
K : SO-8
Temp. Range
C : 0 to 70 C
Handling Code
TR : Tape & Reel
Voltage Code :
13 : 1.3V ~ 34 : 3.4V
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5501/2/3 -
Handling Code
Temp. Range
Package Code
Voltage Code
13
APL5501/2/3
XXXXX
APL5501/2/3 - 13 U :
XXXXX - Date Code , 13 - 1.3V
XXXXX - Date Code , 13 - 1.3V
APL5501/2/3
XXXXX13
APL5501/2/3 - 13 D/V/K :
Lead Free Code
°
Ordering and Marking Information
Pin Configuration (Cont.)
SOT-223 (Top View)
VOUT
GND
VIN
1
2
3
TAB is GND
APL5501
APL5502
SOT-89 (Top View)
GND
VIN
VOUT
1
2
3
TAB is VIN
VOUT
VIN
GND
1
2
3
TAB is VIN
SOT-223 (Top View)
APL5502
Marking Information
SOT-23-5 package
VIN
GND
VOUT
1
2
3
TAB is GND
SOT-223 (Top View)
APL5503
The last character “X” in the marking is for data code.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.


Similar Part No. - APL5502-29DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13KC ANPEC-APL5505-13KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13OC ANPEC-APL5505-13OC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13XC ANPEC-APL5505-13XC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-14KC ANPEC-APL5505-14KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
More results

Similar Description - APL5502-29DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com