Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M67746 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M67746
Description  144-148MHz, 12.5V, 60W, FM MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M67746 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M67746 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M67746 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144-148MHz, 12.5V, 60W, FM MOBILE RADIO
M67746
MITSUBISHI RF POWER MODULE
Nov. ´97
TYPICAL PERFORMANCE DATA
OUTPUT POWER, TOTAL EFFICIENCY,
INPUT VSWR VS. FREQUENCY
FREQUENCY f (MHz)
60
40
20
130
140
160
PO
1st. SUPPLY VOLTAGE VCC1 (V)
8
16
80
60
30
20
10
2
17
150
70
50
30
50
10
10
12
14
4
6
OUTPUT POWER, 1st. CURRENT,
TOTAL CURRENT
VS. 1st. SUPPLY VOLTAGE
70
30
0.3
100
50
10
200
40
ηT
20
7
3
5
1
2
0.7
0.5
INPUT POWER Pin (mW)
50
500
10
700
70100
200
20 30
OUTPUT POWER, TOTAL CURRENT,
1st. CURRENT VS. INPUT POWER
30
0.3
70
50
10
90
20
7
3
5
1
2
0.7
0.5
SUPPLY VOLTAGE VCC1=VCC2 (V)
8
16
2
17
10
12
14
4
6
OUTPUT POWER, TOTAL CURRENT
VS. SUPPLY VOLTAGE
70
30
0.3
100
50
10
200
20
7
3
5
1
2
0.7
0.5
VCC1=VCC2=12.5V
Pin=300mW
ZG=ZL=50
0.2
300
PO
IT
ICC1
PO
IT
f=146MHz
Pin=300mW
ZG=ZL=50
ρin
0.3
10
7
3
5
1
2
0.7
0.5
20
PO
f=146MHz
VCC2=12.5V
Pin=300mW
ZG=ZL=50
0.3
10
20
7
3
5
1
2
0.7
0.5
0.3
10
20
7
3
5
1
2
0.7
0.5
0.2
1
2
3
4
ICC1
IT
f=146MHz
VCC1=VCC2=12.5V
ZG=ZL=50


Similar Part No. - M67746

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67741 MITSUBISHI-M67741 Datasheet
103Kb / 3P
   150-175MHz,12.5V,30W, FM MOBILE RADIO???
M67741 MITSUBISHI-M67741 Datasheet
164Kb / 3P
   135-160MHz,12.5V,30W, FM MOBILE RADIO????
M67741H MITSUBISHI-M67741H Datasheet
103Kb / 3P
   150-175MHz,12.5V,30W, FM MOBILE RADIO???
M67741L MITSUBISHI-M67741L Datasheet
164Kb / 3P
   135-160MHz,12.5V,30W, FM MOBILE RADIO????
M67742 MITSUBISHI-M67742 Datasheet
44Kb / 1P
   68-88MHz,12.5V,30W, FM MOBILE RADIO????
More results

Similar Description - M67746

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67727 MITSUBISHI-M67727 Datasheet
45Kb / 1P
   144-148MHz,12.5V,60W, SSB MOBILE RADIO?
M57715R MITSUBISHI-M57715R Datasheet
41Kb / 1P
   144-148MHz 12.5V,13W,FM MOBILE RADIO??????
M57726R MITSUBISHI-M57726R Datasheet
43Kb / 1P
   144-148MHz 12.5V,43W,FM MOBILE RADIO???????
M68750 MITSUBISHI-M68750 Datasheet
21Kb / 2P
   144-148MHz, 12.5V, 27W, FM MOBILE RADIO
M57726 MITSUBISHI-M57726 Datasheet
120Kb / 3P
   144-148MHz 12.5V,43W,FM MOBILE RADIO??????
M57737 MITSUBISHI-M57737 Datasheet
144Kb / 3P
   144-148MHz 12.5V,30W,FM MOBILE RADIO?????????
M57747 MITSUBISHI-M57747 Datasheet
118Kb / 3P
   144-148MHz, 12.5V, 13W, FM MOBILE RADIO
M57713 MITSUBISHI-M57713 Datasheet
143Kb / 3P
   144-148MHz 12.5V,17W,SSB MOBILE RADIO????
M57727 MITSUBISHI-M57727 Datasheet
123Kb / 3P
   144-148MHz 12.5V,37W,SSB MOBILE RADIO???????
M68702H MITSUBISHI-M68702H Datasheet
43Kb / 3P
   150-175MHz, 12.5V, 60W, FM MOBILE RADIO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com