Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM7313K Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM7313K
Description  Dual N-Channel Enhancement Mode MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM7313K Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APM7313K Datasheet HTML 2Page - Anpec Electronics Coropration APM7313K Datasheet HTML 3Page - Anpec Electronics Coropration APM7313K Datasheet HTML 4Page - Anpec Electronics Coropration APM7313K Datasheet HTML 5Page - Anpec Electronics Coropration APM7313K Datasheet HTML 6Page - Anpec Electronics Coropration APM7313K Datasheet HTML 7Page - Anpec Electronics Coropration APM7313K Datasheet HTML 8Page - Anpec Electronics Coropration APM7313K Datasheet HTML 9Page - Anpec Electronics Coropration APM7313K Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Copyright
©ANPEC Electronics Corp.
Rev. B.3 - Nov., 2005
www.anpec.com.tw
6
APM7313K
VDS - Drain - Source Voltage (V)
Drain-Source On Resistance
Tj - Junction Temperature (°C)
VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
QG - Gate Charge (nC)
Typical Characteristics (Cont.)
-50
-25
0
25
50
75
100 125 150
0.4
0.6
0.8
1.0
1.2
1.4
1.6
R
ON
@T
j
=25
oC: 21m
V
GS
= 10V
I
DS
= 6A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
30
T
j
=125
oC
T
j
=25
oC
0
4
8
12
16
20
0
2
4
6
8
10
V
DS
= 15V
I
D
= 6A
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
1400
Frequency=1MHz
Crss
Coss
Ciss


Similar Part No. - APM7313K

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
APM7313KC-TRL VBSEMI-APM7313KC-TRL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM7313K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com