Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5503-17DC Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5503-17DC
Description  Low IQ, Low Dropout 500mA Fixed Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5503-17DC Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5503-17DC Datasheet HTML 1Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 2Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 3Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 4Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 5Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 6Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 7Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 8Page - Anpec Electronics Coropration APL5503-17DC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5501/2/3
www.anpec.com.tw
3
PIN
No.
Name
I/O
Description
1
VIN
I
Supply voltage input.
3
SHDN
(Note1)
I
Shutdown control pin, low = off , high = normal. Don’t leave
open.
2
GND
Ground pins of the circuitry, and all ground pins must be
soldered to PCB with proper power dissipation.
4
BP
(Note1)
O
Bypass signal pin in fixed output type device
5
VOUT
O
Output pin of the regulator.
Absolute Maximum Ratings
Note1: These pins do not exist in 3-pin package.
Pin Description
Symbol
Parameter
Rating
Unit
VIN, VOUT
Input Voltage or Out Voltage
6.5
V
SHDN
Shutdown Control Pin
6.5
V
RTH,JA
Thermal Resistance - Junction to Ambient
SOT-89 : 180
SOT-223 : 135
SO-8 : 150
SOT-23-5 : 260
°C/W
RTH,JC
Thermal Resistance - Junction to Case
SOT-89 : 38
SOT-223 : 15
SO-8 :20
SOT-23-5 : 130
°C/W
PD
Power Dissipation
Internally Limited
W
TJ
Operating Junction Temperature
°C
Control Section
0 to 125
Power Transistor
0 to 150
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Electrical Characteristics
Unless otherwise noted these specifications apply over full temperature, VIN=3.6V, CIN=1
µF, COUT=4.7µF,
SHDN=VIN, T
J=0 to 125°C. Typical values refer to T
J
=25
°C.
APL5501/2/3
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
VIN
Input Voltage
2.7
6
V
VOUT
Output Voltage
VOUT+1.0V< VCC<6.0V, 0mA< IOUT < IMAX VOUT -2%
VOUT VOUT +2%
V


Similar Part No. - APL5503-17DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13KC ANPEC-APL5505-13KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13OC ANPEC-APL5505-13OC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-13XC ANPEC-APL5505-13XC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
APL5505-14KC ANPEC-APL5505-14KC Datasheet
231Kb / 15P
   500mA Regulator Reset IC
More results

Similar Description - APL5503-17DC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5708R ANPEC-APL5708R Datasheet
145Kb / 10P
   Low IQ, Low Dropout 700mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
AiT Semiconductor Inc.
A6516 AITSEMI-A6516 Datasheet
796Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 16V, 500mA, LOW IQ, CMOS LDO
REV1.1
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Taiwan Semiconductor Co...
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com