Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5833-33EC-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL5833-33EC-TR
Description  300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5833-33EC-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL5833-33EC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL5833-33EC-TR Datasheet HTML 11Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2003
APL5833
www.anpec.com.tw
8
Packaging Information
D
D1
e
B1
e1
B
12
3
L
H
E
C
a
a
A
SOT-89 (Reference EIAJ ED-7500A Reg stration SC-62)
M illim eters
Inches
Dim
Min.
Max.
Min.
Max.
A
1.40
1.60
0.055
0.063
B
0.40
0.56
0.016
0.022
B 1
0.35
0.48
0.014
0.019
C
0.35
0.44
0.014
0.017
D
4.40
4.60
0.173
0.181
D 1
1.35
1.83
0.053
0.072
e
1.50 B SC
0.059 BSC
e1
3.00 B SC
0.118 B SC
E
2.29
2.60
0.090
0.102
H
3.75
4.25
0.148
0.167
L
0.80
1.20
0.031
0.047
α
10
°
10
°


Similar Part No. - APL5833-33EC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18D ANPEC-APL5835-18D Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TR ANPEC-APL5835-18DC-TR Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TU ANPEC-APL5835-18DC-TU Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18E ANPEC-APL5835-18E Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5833-33EC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5883 ANPEC-APL5883 Datasheet
115Kb / 11P
   300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com