Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5708R-30VC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5708R-30VC-TR
Description  Low IQ, Low Dropout 700mA Fixed Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5708R-30VC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5708R-30VC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL5708R-30VC-TR Datasheet HTML 10Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - May., 2005
APL5708R
www.anpec.com.tw
10
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOT- 223
12
9.3
2500
Cover Tape Dimensions
Anpec Electronics Corp.
Head Office :
5F, No. 2 Li-Hsin Road, SBIP,
Hsin-Chu, Taiwan, R.O.C.
Tel : 886-3-5642000
Fax : 886-3-5642050
Taipei Branch :
7F, No. 137, Lane 235, Pac Chiao Rd.,
Hsin Tien City, Taipei Hsien, Taiwan, R. O. C.
Tel : 886-2-89191368
Fax : 886-2-89191369
Customer Service
Application
A
B
C
J
T1
T2
W
P
E
330
±162±1.5
12.75
±
0.15
2
± 0.6 12.4 +0.2 2± 0.2
12
± 0.3
8
± 0.1 1.75± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-223
5.5
± 0.05 1.5+ 0.1 1.5+ 0.1 4.0 ± 0.1 2.0 ± 0.05 6.9 ± 0.1 7.5± 0.1 2.1± 0.1 0.3±0.05
(mm)
Carrier Tape & Reel Dimensions (Cont.)
A
J
B
T2
T1
C


Similar Part No. - APL5708R-30VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AB-TRG ANPEC-APL5701AB-TRG Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AB-TRL ANPEC-APL5701AB-TRL Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AC-TRG ANPEC-APL5701AC-TRG Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
APL5701AC-TRL ANPEC-APL5701AC-TRL Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
More results

Similar Description - APL5708R-30VC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5901 ANPEC-APL5901 Datasheet
1Mb / 21P
   Low IQ, Low Dropout 900mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308 Datasheet
157Kb / 13P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5151 ANPEC-APL5151 Datasheet
881Kb / 16P
   Low IQ, Low Dropout 150mA Fixed Voltage Regulator
APL5301 ANPEC-APL5301 Datasheet
193Kb / 19P
   Low IQ, Low Dropout 300mA Fixed Voltage Regulator
APL5508 ANPEC-APL5508 Datasheet
155Kb / 13P
   Low IQ, Low Dropout 560mA Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com