Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5505-17KC Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5505-17KC
Description  500mA Regulator Reset IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5505-17KC Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5505-17KC Datasheet HTML 3Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 4Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 5Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 6Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 7Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 8Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 9Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 10Page - Anpec Electronics Coropration APL5505-17KC Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.4 - Sep., 2002
www.anpec.com.tw
7
APL5505/6/7
3
-80
+0
-70
-60
-50
-40
-30
-20
-10
20
200k
50
100
200
500
1k
2k
5k
10k
20k 50k 100k
0
10
20
30
40
50
60
70
80
90
01
23
45
6
0
50
100
150
200
250
0
100
200
300
400
500
Typical Characteristics
PSRR vs. Frequency
Frequency (HZ)
VIN=4.3V
IOUT =50mA
COUT=1uF
CBP=0.01uF
Reverse Leakage Current vs. Output Voltage
Output Voltage (V)
Dropout Voltage vs. Load Current
Load Current (mA)
VIN=1V
-1m
1m
-800u
-600u
-400u
-200u
0
200u
400u
600u
800u
0
100m
20m
40m
60m
80m
Output Noise
Time (s)
VIN=4.3V f=10HZ-80KHZ
IOUT =50mA COUT=1uF
CBP=0.01uF


Similar Part No. - APL5505-17KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5505-17KC

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5551 ANPEC-APL5551 Datasheet
316Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
MM1481 MITSUMI-MM1481 Datasheet
80Kb / 6P
   RegulatorReset IC
MM1437 MITSUMI-MM1437 Datasheet
118Kb / 6P
   RegulatorReset IC
logo
Unisonic Technologies
LR478 UTC-LR478_11 Datasheet
165Kb / 8P
   REGULATORRESET IC
LR478 UTC-LR478_13 Datasheet
240Kb / 8P
   REGULATORRESET IC
logo
Mitsumi Electronics, Co...
MM1478 MITSUMI-MM1478 Datasheet
67Kb / 6P
   RegulatorReset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com