Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5833-35EC-TU Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5833-35EC-TU
Description  300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5833-35EC-TU Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5833-35EC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APL5833-35EC-TU Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Apr., 2003
APL5833
www.anpec.com.tw
3
Electrical Characteristics (T
A=25°C, unless otherwise noted)
APL5833
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
IN
Input Voltage
V
OUT+1.2V
9
V
V
OUT
Output Voltage
I
OUT =10mA
0.98 V
OUT
1.02 V
OUT
V
I
OUT
Output Current
Capability
V
OUT =3.3V, ∆ VOUT=2%
300
mA
I
SC
Short Circuit Current
V
OUT < 0.4V
500
mA
I
Q
Quiescent Current
V
IN =5V, No Load
6
10
mA
REG
LINE Line Regulation
I
OUT =10mA, VIN= 5V to 8V
1
6
mV
REG
LOAD Load Regulation
I
OUT =1mA~300mA
6
12
mV
V
DROPOUT Dropout Voltage
I
OUT =300mA, ∆ VOUT=1%
1200
1300
mV
PSRR
Power Supply Rejection
Ratio
at 1kHz
55
dB
OTS
Over Temperature
Shutdown
150
°C
E
N
Output Noise
100
µVrms
TC
Output Voltage
Temperature Coefficient
100
ppm/°C
Fixed 2.85, 3.3V and 3.5V Regulator
Application Schematic
R1
R2
R1
1.250V
VOUT
+
×
=
V
IN
F
V
OU T
+
R1
R2
A P L583 3
OUT
IN
AD J
+
10 µ F
V
IN
V
OU T
APL5833
OUT
IN
GND
F
10µ F
1.25V to 7V Adjustable Regulator


Similar Part No. - APL5833-35EC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5835 ANPEC-APL5835 Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18D ANPEC-APL5835-18D Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TR ANPEC-APL5835-18DC-TR Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18DC-TU ANPEC-APL5835-18DC-TU Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5835-18E ANPEC-APL5835-18E Datasheet
103Kb / 12P
   450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5833-35EC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5883 ANPEC-APL5883 Datasheet
115Kb / 11P
   300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com