Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1024PAQ-712 Datasheet(PDF) 6 Page - PerkinElmer Optoelectronics

Part # RL1024PAQ-712
Description  P-SERIES LINEAR PHOTODIODE ARRAY IMAGERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

RL1024PAQ-712 Datasheet(HTML) 6 Page - PerkinElmer Optoelectronics

  RL1024PAQ-712 Datasheet HTML 1Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 2Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 3Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 4Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 5Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 6Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 7Page - PerkinElmer Optoelectronics RL1024PAQ-712 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.perkinelmer.com/opto
Capacitance (pF) (Typ)
Pin
Sym
Function
Pixels
2048
1024
512
1VSS
Amplifier return
50
30
20
2VOut
Signal output
75
45
30
3
ø
2
CCD horizontal phase 2
270
140
70
4
ø
1
CCD horizontal phase 1
350
180
90
5
N/C
No connection
6
N/C
No connection
7
N/C
No connection
8
N/C
No connection
9
N/C
No connection
10
VDD
Amplifier drain supply
11
LS
Light shield/die attach
12
N/C
No connection
13
N/C
No connection
14
N/C
No connection
15
ø
AB
Antiblooming gate
70
35
20
16
ø
PG
Photo gate
100
50
25
17
ø
TG
Transfer gate
90
50
25
18
VOG
Output gate
8
8
8
19
ø
RG
Reset gate
7
2
2
20
VRD
Reset drain
Table 6. Pinout Description and Capacitance Values of Clocked Phases
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
N/C
VSS
VOut
N/C
N/C
N/C
VRD
Ø PG
ØAB
N/C
N/C
N/C
LS
VDD
ØRG
N/C
ØH2
ØH1
VOG
ØTG
Figure 5. Pinout Configuration
Linear Photodiode Array
Imagers
Operating Conditions
For optimum performance and longest
life, carefully follow the operational
requirements of these imagers. Provide
stable voltage sources free of noise and
variation and clean waveforms with
controlled edges. Protect the imager
from electrostatic discharge and exces-
sive voltages and temperature. Do not
violate the limits on output register
speed or reduce timing margins below
the minimums.
Imager Configuration
All P-series imagers are constructed
using ceramic packages and optically-
flat windows. Imager die are secured
to precision leadframes by thermal
silver-filled epoxy. Packages are baked
before sealing to elminate moisture,
and tested for seal integrity.
DSP-101 01H - 7/2002W Page 6


Similar Part No. - RL1024PAQ-712

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL102 GOOD-ARK-RL102 Datasheet
199Kb / 2P
   GENERAL PURPOSE PLASITC RECTIFIER
logo
Micro Commercial Compon...
RL102 MCC-RL102 Datasheet
243Kb / 5P
   1 Amp Rectifier 50 - 1000 Volts
RL102 MCC-RL102 Datasheet
78Kb / 3P
   1 Amp Rectifier 50 - 1000 Volts
logo
Shenzhen Luguang Electr...
RL102 LUGUANG-RL102 Datasheet
141Kb / 2P
   Plastic Silicon Rectifiers
logo
DAESAN ELECTRONIC CORP.
RL102 DAESAN-RL102 Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - RL1024PAQ-712

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C232 ADVANCEDPHOTONIX-PDB-C232 Datasheet
115Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
SD219-51-03-301 ADVANCEDPHOTONIX-SD219-51-03-301 Datasheet
101Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
List of Unclassifed Man...
PDB-C216 ETC2-PDB-C216 Datasheet
175Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C216 ADVANCEDPHOTONIX-PDB-C216 Datasheet
110Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
Luna Innovations Incorp...
SD219-51-03-301 LUNA-SD219-51-03-301 Datasheet
103Kb / 2P
   Blue Enhanced Linear Array Silicon Photodiode
logo
List of Unclassifed Man...
PDB-C232 ETC2-PDB-C232 Datasheet
169Kb / 1P
   Blue Enhanced Linear Array Silicon Photodiode
logo
HY ELECTRONIC CORP.
AA16-9DIL18 HY-AA16-9DIL18 Datasheet
311Kb / 2P
   Avalanche Photodiode Array
logo
Keysight Technologies
U5855A KEYSIGHT-U5855A Datasheet
2Mb / 9P
   U5850 Series TrueIR Thermal Imagers
U5856A KEYSIGHT-U5856A Datasheet
2Mb / 9P
   U5850 Series TrueIR Thermal Imagers
U5850 KEYSIGHT-U5850 Datasheet
1Mb / 10P
   U5850 Series TrueIR Thermal Imagers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com