Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5551KAI-TRL Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL5551KAI-TRL
Description  Dual Channel 500mA/500mA Regulator Reset IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5551KAI-TRL Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL5551KAI-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5551KAI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2005
www.anpec.com.tw
9
APL5551
Shutdown Response
Time (1ms/div)
Line-Transient Response
Time(20
µs/div)
Typical Characteristics
VOUT1 (2v/div)
VOUT2
CONT(2v/div)
RLOAD = 100
VIN = 4.5 ~ 5.5V
VOUT1(20mV/div)
IOUT1=10mA
COUT1=4.7uF
VOUT2(20mV/div)
IOUT2=10mA
COUT2=4.7uF
Load-Transient Response
Time(0.1m/div)
Load-Transient Response
Time(0.1m/div)
VOUT1(200mV/div)
IL1=1mA ~ 500mA
COUT1=4.7
µF(Aluminum)
Tr=1
µs
VOUT2(200mV/div)
IL2=1mA ~ 500mA
COUT2=4.7
µF(Aluminum)
Tr=1
µs


Similar Part No. - APL5551KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5501 ANPEC-APL5501 Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13BC ANPEC-APL5501-13BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-13DC ANPEC-APL5501-13DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14BC ANPEC-APL5501-14BC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
APL5501-14DC ANPEC-APL5501-14DC Datasheet
1Mb / 23P
   Low IQ, Low Dropout 500mA Fixed Voltage Regulator
More results

Similar Description - APL5551KAI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5546 ANPEC-APL5546 Datasheet
311Kb / 17P
   Dual Channel 500mA/500mA Regulator Reset IC
APL5525 ANPEC-APL5525 Datasheet
172Kb / 14P
   DUAL CHANNEL 500mA REGULATOR - RESET IC
APL5505 ANPEC-APL5505 Datasheet
231Kb / 15P
   500mA Regulator Reset IC
logo
Mitsumi Electronics, Co...
MM3413 MITSUMI-MM3413 Datasheet
121Kb / 11P
   500mA Regulator IC
MM344XX MITSUMI-MM344XX Datasheet
98Kb / 8P
   500mA Regulator IC
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
   Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Global Mixed-mode Techn...
G926 GMT-G926_06 Datasheet
335Kb / 8P
   Dual 500mA LDO Regulator
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
   Dual 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com