Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5330KE-TRL Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APL5330KE-TRL
Description  Dual Input 2A Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5330KE-TRL Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APL5330KE-TRL Datasheet HTML 1Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 2Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 3Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 4Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 5Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5330KE-TRL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Jun., 2006
APL5330
www.anpec.com.tw
5
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
VCNTL= 3.3V
VCNTL= 5V
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
VCNTL= 3.3V
VCNTL= 3.3V
VCNTL= 5V
VCNTL= 5V
0
0.5
1
1.5
2
2.5
3
3.5
-50
-25
0
25
50
75
100
125
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
0
500
1000
1500
2000
2500
-50
-25
0
25
50
75
100
125
Typical Characteristics
Current-Limit
vs. Junction Temperature
Junction Temperature (°C)
Junction Temperature (°C)
Quiescent VCNTL Current
vs. Junction Temperature
VREF Threshold Voltage
vs. Junction Temperature
Junction Temperature (
°C)
VREF Bias Current
vs. V
REF Supply Voltage
V
REF Supply Voltage (V)
VCNTL = 5V
VCNTL = 5V
VCNTL = 3.3V
VCNTL = 3.3V
VIN = 2V
VIN = 2V
VCNTL = 5V
VCNTL = 5V
VCNTL = 3.3V
VCNTL = 3.3V
VCNTL = 3.3V
VCNTL = 3.3V
VCNTL = 5V
VCNTL = 5V
V
OUT
=1.2V
I
OUT
= 0A


Similar Part No. - APL5330KE-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5331 ANPEC-APL5331 Datasheet
230Kb / 20P
   3A Bus Termination Regulator
APL5331 ANPEC-APL5331 Datasheet
714Kb / 23P
   3A Bus Termination Regulator
APL5331G5C-TRG ANPEC-APL5331G5C-TRG Datasheet
714Kb / 23P
   3A Bus Termination Regulator
APL5331G5C-TRL ANPEC-APL5331G5C-TRL Datasheet
230Kb / 20P
   3A Bus Termination Regulator
APL5331G5C-TRL ANPEC-APL5331G5C-TRL Datasheet
714Kb / 23P
   3A Bus Termination Regulator
More results

Similar Description - APL5330KE-TRL

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9185 GMT-G9185 Datasheet
37Kb / 1P
   2A Low Input /Low Dropout Linear Regulator
logo
Unisonic Technologies
LR2967 UTC-LR2967 Datasheet
173Kb / 4P
   2A, LOW DROPOUT REGULATOR
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580 Datasheet
79Kb / 5P
   DUAL INPUT LOW DROPOUT REGULATOR
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582_10 Datasheet
199Kb / 12P
   Dual Input Low Dropout Regulator
logo
Global Mixed-mode Techn...
G954 GMT-G954_15 Datasheet
41Kb / 1P
   2A Low Dropout Regulator
G954 GMT-G954 Datasheet
316Kb / 7P
   2A Low Dropout Regulator
G954 GMT-G954_07 Datasheet
360Kb / 8P
   2A Low Dropout Regulator
logo
Semtech Corporation
EZ1580 SEMTECH-EZ1580_03 Datasheet
161Kb / 6P
   Dual Input Low Dropout Regulator
logo
Anpec Electronics Corop...
APL1582 ANPEC-APL1582 Datasheet
106Kb / 13P
   DUAL INPUT LOW DROPOUT REGULATOR
APL1581 ANPEC-APL1581 Datasheet
311Kb / 17P
   DUAL INPUT LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com