Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1541 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL1541
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1541 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL1541 Datasheet HTML 1Page - Anpec Electronics Coropration APL1541 Datasheet HTML 2Page - Anpec Electronics Coropration APL1541 Datasheet HTML 3Page - Anpec Electronics Coropration APL1541 Datasheet HTML 4Page - Anpec Electronics Coropration APL1541 Datasheet HTML 5Page - Anpec Electronics Coropration APL1541 Datasheet HTML 6Page - Anpec Electronics Coropration APL1541 Datasheet HTML 7Page - Anpec Electronics Coropration APL1541 Datasheet HTML 8Page - Anpec Electronics Coropration APL1541 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Oct., 2003
APL1541
www.anpec.com.tw
4
Application Circuits
A P L15 41
IN
OU T
AD J
V IN
V OU T
10u F
C 1*
R1
121
100 uF
C 2*
R2
1K
1.25V to 7.75V Adjustable Regulator
*Needed if device is far from filter capacitors
VOUT = 1.250V x
R1 + R 2
R 1
A P L 15 41 -3 3
IN
OU T
GN D
V IN =5 V
10 uF
10 uF
V OUT=3 .3 V
A P L 15 41
IN
OU T
AD J
V IN
V OUT
R2
36 5
1%
C1
10 uF
15 0u F
R1
12 1
10 uF
Improving Ripple Rejection
*C1 improves ripple rejection.XC should be approximately
equal to R1 at ripple frequency
A P L15 41
IN
OU T
AD J
V IN
5V
10u F
121
1%
100 uF
1K
365
1%
TTL
1K
5V Regulator with Shutdown
Simple 5V to 3.3V Regulation


Similar Part No. - APL1541

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APL1545 ASB-APL1545 Datasheet
139Kb / 1P
   PLL Module
March 2004
APL1545 ASB-APL1545_13 Datasheet
118Kb / 2P
   PLL Synthesizer Module
June 2010
More results

Similar Description - APL1541

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
APL1085 ANPEC-APL1085 Datasheet
546Kb / 11P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
   1A Low Dropout Fast Response Positive Adjustable Regulator
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com